Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8440ACWP Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV8440ACWP
Description  Protected Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8440ACWP Datasheet(HTML) 2 Page - ON Semiconductor

  NCV8440ACWP Datasheet HTML 1Page - ON Semiconductor NCV8440ACWP Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NCV8440CWP, NCV8440ACWP
http://onsemi.com
2
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified) (Note 1)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 V, ID = 1.0 mA, TJ = 25°C)
V(BR)DSS
52
55
59
V
Zero Gate Voltage Drain Current
(VDS = 40 V, VGS = 0 V)
IDSS
10
mA
Gate−Body Leakage Current
(VGS = ±8 V, VDS = 0 V)
(VGS = ±14 V, VDS = 0 V)
IGSS
±22
±10
mA
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = VGS, ID = 100 mA)
VGS(th)
1.3
1.75
2.5
V
Static Drain−to−Source On−Resistance
(VGS = 3.5 V, ID = 0.6 A)
(VGS = 4.0 V, ID = 1.5 A)
(VGS = 10 V, ID = 2.6 A)
RDS(on)
190
165
107
380
200
125
mW
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
IS = 2.6 A, VGS = 0 V
IS = 2.6 A, VGS = 0 V, TJ = 125°C
VSD
0.81
0.66
1.5
V
1. Wafers shipped as whole wafers.
ORDERING INFORMATION
Device
Shipping
NCV8440CWP
Whole Wafers
NCV8440ACWP
Whole Wafers
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NCV8440CWP/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NCV8440ACWP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8440A ONSEMI-NCV8440A Datasheet
89Kb / 9P
   Protected Power MOSFET
May, 2016 ??Rev. 7
NCV8440ASTT1G ONSEMI-NCV8440ASTT1G Datasheet
126Kb / 9P
   Protected Power MOSFET 2.6 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ ESD Protection
November, 2011 ??Rev. 6
NCV8440ASTT1G ONSEMI-NCV8440ASTT1G Datasheet
89Kb / 9P
   Protected Power MOSFET
May, 2016 ??Rev. 7
NCV8440ASTT3G ONSEMI-NCV8440ASTT3G Datasheet
126Kb / 9P
   Protected Power MOSFET 2.6 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ ESD Protection
November, 2011 ??Rev. 6
NCV8440ASTT3G ONSEMI-NCV8440ASTT3G Datasheet
89Kb / 9P
   Protected Power MOSFET
May, 2016 ??Rev. 7
More results

Similar Description - NCV8440ACWP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIC9N05TS1 ONSEMI-NIC9N05TS1 Datasheet
121Kb / 4P
   Protected Power MOSFET
September, 2008 ??Rev. 0
NCV8440 ONSEMI-NCV8440_16 Datasheet
89Kb / 9P
   Protected Power MOSFET
May, 2016 ??Rev. 7
NIF9N05CL ONSEMI-NIF9N05CL_06 Datasheet
72Kb / 6P
   Protected Power MOSFET
May, 2006 ??Rev. 5
NIF9N05CL ONSEMI-NIF9N05CL Datasheet
66Kb / 6P
   PROTECTED POWER MOSFET
July, 2004 ??Rev. 3
NIC9N05TS1 ONSEMI-NIC9N05TS1_V01 Datasheet
88Kb / 3P
   Protected Power MOSFET
November, 2011 - Rev. 1
logo
International Rectifier
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS0551T IRF-IPS0551T Datasheet
106Kb / 10P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS021 IRF-IPS021 Datasheet
142Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com