Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV51510MWTAG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV51510MWTAG
Description  Termination Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV51510MWTAG Datasheet(HTML) 2 Page - ON Semiconductor

  NCV51510MWTAG Datasheet HTML 1Page - ON Semiconductor NCV51510MWTAG Datasheet HTML 2Page - ON Semiconductor NCV51510MWTAG Datasheet HTML 3Page - ON Semiconductor NCV51510MWTAG Datasheet HTML 4Page - ON Semiconductor NCV51510MWTAG Datasheet HTML 5Page - ON Semiconductor NCV51510MWTAG Datasheet HTML 6Page - ON Semiconductor NCV51510MWTAG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NCP51510, NCV51510
www.onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin Number
Pin Name
Pin Function
1
VRO
OUTPUT − Buffered Output of VRI Reference Input pin.
2
VCC
INPUT − Regulator Analog Power Input pin. Connect to the system supply voltage. Bypass VCC to AGND
with a 1
mF or greater ceramic capacitor.
3
AGND
Analog Ground
4
VRI
INPUT − External Reference Input for VTT Output (see Figure 1 for typical application)
5
PGOOD
OUTPUT − VTT “Power Good” pin (open drain output)
6
VTTS
INPUT − Remote Sense Input for VTT. The VTTS pin provides accurate remote feedback sensing of the
VTT output.
7
SS
INPUT − Suspend Shutdown Control Input. CMOS compatible. Logic HIGH = enable,
logic LOW = shutdown. Connect to VDDQ for normal operation.
8
PGND
Power Ground. Internally connected to Low−side MOSFET
9
VTT
OUTPUT − Regulated Power Output pin
10
PVCC
INPUT − Regulator Power Input pin. Internally connected to High−side MOSFET
THERMAL
PAD
Pad for thermal connection. The exposed pad must be connected to the ground plane using multiple vias
for maximum power dissipation performance.
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
PVCC to PGND
(Note 1)
−0.3 to 4.3
V
VCC to AGND
(Note 1)
VCC
−0.3 to 4.3
VRI, VRO, SS, PGOOD to AGND
(Note 1)
−0.3 to (VCC + 0.3)
VTT to PGND
(Note 1)
−0.3 to (PVCC + 0.3)
VTTS to AGND
(Note 1)
VTTS
−0.3 to (PVCC + 0.3)
PGND to AGND
PGND
−0.3 to +0.3
Storage Temperature
Tstg
−65 to 150
°C
Operating Junction Temperature Range
TJ
−40 to 125
ESD Capability, Human Body Model
(Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model
(Note 2)
ESDMM
200
V
VTT Output Continuous RMS Current
100 sec
±1.6
A
1 sec
±2.5
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
DISSIPATION RATINGS
Package
TA =705C Power Rate
Derating Factor Above TA = 705C
10−Pin DFN
1951 mW
24.4 mW /
°C


Similar Part No. - NCV51510MWTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV51511 ONSEMI-NCV51511 Datasheet
224Kb / 15P
   High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
NCV51511PDR2G ONSEMI-NCV51511PDR2G Datasheet
224Kb / 15P
   High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
More results

Similar Description - NCV51510MWTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51200 ONSEMI-NCP51200 Datasheet
143Kb / 7P
   Termination Regulator
September, 2014 ??Rev. 5
NCP51402 ONSEMI-NCP51402_16 Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
NCP51403 ONSEMI-NCP51403 Datasheet
421Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
NCP51402 ONSEMI-NCP51402 Datasheet
343Kb / 7P
   Termination Regulator
November, 2015 ??Rev. 0
NCP51200 ONSEMI-NCP51200_18 Datasheet
152Kb / 8P
   Termination Regulator
February, 2018 ??Rev. 8
NCP51400 ONSEMI-NCP51400 Datasheet
168Kb / 7P
   Termination Regulator
June, 2015 ??Rev. 2
NCP51401 ONSEMI-NCP51401 Datasheet
131Kb / 6P
   Termination Regulator
March, 2015 ??Rev. P0
NCP51200 ONSEMI-NCP51200_16 Datasheet
143Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 6
NCP51400 ONSEMI-NCP51400_16 Datasheet
140Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 3
NCP51401 ONSEMI-NCP51401_16 Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com