Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81111MNDFTXG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP81111MNDFTXG
Description  High Speed Digital Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81111MNDFTXG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP81111MNDFTXG Datasheet HTML 3Page - ON Semiconductor NCP81111MNDFTXG Datasheet HTML 4Page - ON Semiconductor NCP81111MNDFTXG Datasheet HTML 5Page - ON Semiconductor NCP81111MNDFTXG Datasheet HTML 6Page - ON Semiconductor NCP81111MNDFTXG Datasheet HTML 7Page - ON Semiconductor NCP81111MNDFTXG Datasheet HTML 8Page - ON Semiconductor NCP81111MNDFTXG Datasheet HTML 9Page - ON Semiconductor NCP81111MNDFTXG Datasheet HTML 10Page - ON Semiconductor NCP81111MNDFTXG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
NCP81111
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS
Unless otherwise stated: −10
°C < TA < 100°C; 4.75 V < VCC < 5.25 V; CVCC = 0.1 mF
Parameter
Unit
Max
Typ
Min
Test Conditions
DRVON
Output High Voltage
Sourcing 500
mA
3.5
V
Output Low Voltage
Sinking 500
mA
0.1
V
Rise/Fall Time
CL (PCB) = 20 pF,
DVo = 10% to 90%
10
ns
Internal Pull Down Resistance
EN = Low
70
k
W
IOUT MONITOR
Analog Gain Accuracy
−3%
+3%
Analog Gain Range
16
1024
Analog Gain Step Size
Binary
weigh
ted
Analog IOUT Offset Accuracy
Gain = 64, CSx sum = 40 mV,
Digital Gain = 1
3
LSB
Digital Gain Step Size
Digital gain is 2.8 format
0.4%
Digital Gain Range
0.004
4
ADC Voltage Range
0
2.56
V
ADC Total Unadjusted Error (TUE)
Max % error of the ideal value
−1
+1
%
ADC Differential Nonlinearity (DNL)
Highest 8−bits
1
LSB
ADC Conversion Time
10
ms
ADC Conversion Rate
Per Channel
33
kHz
INTERNAL RAMP
Ramp Slope Accuracy
−5
5
%
Ramp Reset Voltage Step Size
8
mV
Maximum Ramp Reset Step
486
512
538
mV
Ramp Slope Maximum
Single Phase Mode
4000
mV/
ms
Ramp Slope Minimum
Single Phase Mode
5.6
mV/
ms
Ramp Slope Step Size
Single Phase Mode Typical
5.3
5.6
5.88
mV/
ms
OUTPUT OVER VOLTAGE & UNDER VOLTAGE PROTECTION (OVP & UVP)
Over Voltage Set Point Accuracy
Threshold is programmable
−20
20
mV
Over Voltage Max Capability
3
V
Over Voltage Delay
VSP(A) rising to PWMx low
400
ns
Under Voltage Threshold Below DAC−DROOP
VSP(A) falling
415
450
475
mV
Under Voltage Hysteresis
VSP(A) rising
100
mV
Under Voltage Delay
150
ns
DROOP
Gain Accuracy
Guaranteed by Design
−2
+2
%
Programmable Gain Range
CSx sum to Diffout
0,0.3
16.5
Gain Step Size
1.2
%
Offset Accuracy
CSx input referred from 1.0 V to 2.0 V
−2.5
2.5
mV
Common Mode Rejection
CSx input referred from 1.0 V to 2.0 V
60
80
db
OVERCURRENT PROTECTION
ILIM Threshold Accuracy
Sum of CSx inputs
−3.5
3.5
mV


Similar Part No. - NCP81111MNDFTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81119 ONSEMI-NCP81119 Datasheet
346Kb / 27P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2013 - Rev. 1
NCP81119A ONSEMI-NCP81119A Datasheet
346Kb / 27P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2013 - Rev. 1
NCP81119MNTXG ONSEMI-NCP81119MNTXG Datasheet
346Kb / 27P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2013 - Rev. 1
More results

Similar Description - NCP81111MNDFTXG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com