Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81111 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP81111
Description  High Speed Digital Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81111 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP81111 Datasheet HTML 6Page - ON Semiconductor NCP81111 Datasheet HTML 7Page - ON Semiconductor NCP81111 Datasheet HTML 8Page - ON Semiconductor NCP81111 Datasheet HTML 9Page - ON Semiconductor NCP81111 Datasheet HTML 10Page - ON Semiconductor NCP81111 Datasheet HTML 11Page - ON Semiconductor NCP81111 Datasheet HTML 12Page - ON Semiconductor NCP81111 Datasheet HTML 13Page - ON Semiconductor NCP81111 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
NCP81111
www.onsemi.com
10
I2C USER COMMANDS
These commands operate on a subset range of address space and are primarily for use by end users during application
configuration.
USER_REG_READ
This command can read one or more bytes from the working register set. The address (USER_ADDR) specified with this
command is a working set address from the user address range (refer to the USER column in the Register Map). Only registers
which have read access (shown as (R) or (RW) in the USER column) can be read with this command. If the command is
specified with an address that does not have read access the device will respond with NA (not−acknowledge).
However, if a block of registers are read which start from a valid address, then via the auto−incrementing address point to
an address that does not have read access, then for those invalid registers the return value will be 00h (zeros). The invalid
registers do not stop the command, and the device will respond with an A (acknowledge). This allows a single
USER_REG_READ command to read a contiguous block of data even if it spans addresses that are not valid. Note that this
command requires a repeated START sequence to change the data direction. Also, for the final byte received by the master it
must signal end of data to the device by responding with a NA (not−acknowledge). This allows the device to release the data
line so the master can send the STOP sequence. If a long sequence of data is read, which due to the auto−incrementing address
exceeds the allowable address range, then the device will return zero values (00h) for bytes beyond the address boundary.
For a single−byte read the sequence is as follows:
S
I2C_ADDR+W
A
USER_REG_READ
A
USER_ADDR
A
Sr
I2C_ADDR+R
A
D0
NA
P
This will read the data from the working register map as shown:
Working Registers
Data
Address
D0
USER_ADDR
For a multi−byte read command the sequence is as follows:
S
I2C_ADDR+W
A
USER_REG_READ
A
USER_ADDR
A
Sr
I2C_ADDR+R
A
D0
A
D1
A
D2
A
...
NA
P
This will read the data from the working registers as shown:
Working Registers
Data
Address
D0
USER_ADDR
D1
USER_ADDR+1
D2
USER_ADDR+2
...
...
USER_REG_WRITE
This command will write one or more bytes into the working register set. The address (USER_ADDR) specified with this
command is a working set address from the user address range (refer to the USER column in the Register Map). Only registers
which have write access (shown as (RW) in the USER column) can be written with this command. If the command is specified
with an address that does not have write access the device will respond with NA (not−acknowledge). However, if a block of
registers are written which start from a valid address, then via the auto−incrementing address point to an address that does not
have write access, then for those invalid registers the input data will be ignored. The invalid registers do not stop the command,
and the device will respond with an A (acknowledge). This allows a single USER_REG_WRITE command to write a
contiguous block of data even if it spans addresses that are not valid. If a long sequence of data is written which exceeds the
allowable address range then the command will automatically terminate when the end of the address range is reached.
Attempting to write past this point will result in NA (not−acknowledge) responses from the device.


Similar Part No. - NCP81111

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81119 ONSEMI-NCP81119 Datasheet
346Kb / 27P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2013 - Rev. 1
NCP81119A ONSEMI-NCP81119A Datasheet
346Kb / 27P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2013 - Rev. 1
NCP81119MNTXG ONSEMI-NCP81119MNTXG Datasheet
346Kb / 27P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2013 - Rev. 1
More results

Similar Description - NCP81111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com