Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP51402MNTXG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP51402MNTXG
Description  Termination Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP51402MNTXG Datasheet(HTML) 7 Page - ON Semiconductor

  NCP51402MNTXG Datasheet HTML 1Page - ON Semiconductor NCP51402MNTXG Datasheet HTML 2Page - ON Semiconductor NCP51402MNTXG Datasheet HTML 3Page - ON Semiconductor NCP51402MNTXG Datasheet HTML 4Page - ON Semiconductor NCP51402MNTXG Datasheet HTML 5Page - ON Semiconductor NCP51402MNTXG Datasheet HTML 6Page - ON Semiconductor NCP51402MNTXG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NCP51402
www.onsemi.com
7
PACKAGE DIMENSIONS
DFN10, 3x3, 0.5P
CASE 506CL
ISSUE O
10X
SEATING
PLANE
L
D
E
0.10 C
A
A1
e
D2
E2
b
1
5
10
6
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS
MEASURED BETWEEN 0.25 AND 0.30 MM FROM THE
TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS
THE TERMINALS.
5. TERMINAL b MAY HAVE MOLD COMPOUND MATERIAL ALONG
SIDE EDGE. MOLD FLASHING MAY NOT EXCEED 30
MICRONS ONTO BOTTOM SURFACE OF TERMINAL b.
6. FOR DEVICE OPN CONTAINING W OPTION, DETAIL B
ALTERNATE CONSTRUCTION IS NOT APPLICABLE.
B
A
0.10 C
TOP VIEW
SIDE VIEW
BOTTOM VIEW
PIN ONE
REFERENCE
0.05 C
0.05 C
(A3)
C
10X
10X
0.10 C
0.05 C
A B
NOTE 3
K
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.20
0.30
D
3.00 BSC
D2
2.40
2.60
E
3.00 BSC
E2
1.40
1.60
e
0.50 BSC
L
0.25
0.45
L1
0.00
0.03
DETAIL A
2X
2X
DETAIL B
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
3.30
0.50
0.57
10X
DIMENSIONS: MILLIMETERS
0.32
2.70
PITCH
1.70
10X
1
PACKAGE
OUTLINE
RECOMMENDED
NOTE 4
K
0.25
−−−
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NCP51402/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NCP51402MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51402MNTXG ONSEMI-NCP51402MNTXG Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
More results

Similar Description - NCP51402MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51200 ONSEMI-NCP51200 Datasheet
143Kb / 7P
   Termination Regulator
September, 2014 ??Rev. 5
NCP51510 ONSEMI-NCP51510 Datasheet
147Kb / 7P
   Termination Regulator
April, 2015 ??Rev. 2
NCP51402 ONSEMI-NCP51402_16 Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
NCP51403 ONSEMI-NCP51403 Datasheet
421Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
NCP51200 ONSEMI-NCP51200_18 Datasheet
152Kb / 8P
   Termination Regulator
February, 2018 ??Rev. 8
NCP51400 ONSEMI-NCP51400 Datasheet
168Kb / 7P
   Termination Regulator
June, 2015 ??Rev. 2
NCP51401 ONSEMI-NCP51401 Datasheet
131Kb / 6P
   Termination Regulator
March, 2015 ??Rev. P0
NCP51200 ONSEMI-NCP51200_16 Datasheet
143Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 6
NCP51400 ONSEMI-NCP51400_16 Datasheet
140Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 3
NCP51401 ONSEMI-NCP51401_16 Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com