Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP702SN31T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP702SN31T1G
Description  Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP702SN31T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP702SN31T1G Datasheet HTML 1Page - ON Semiconductor NCP702SN31T1G Datasheet HTML 2Page - ON Semiconductor NCP702SN31T1G Datasheet HTML 3Page - ON Semiconductor NCP702SN31T1G Datasheet HTML 4Page - ON Semiconductor NCP702SN31T1G Datasheet HTML 5Page - ON Semiconductor NCP702SN31T1G Datasheet HTML 6Page - ON Semiconductor NCP702SN31T1G Datasheet HTML 7Page - ON Semiconductor NCP702SN31T1G Datasheet HTML 8Page - ON Semiconductor NCP702SN31T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2013
July, 2013 − Rev. 3
1
Publication Order Number:
NCP702/D
NCP702
200 mA, Ultra-Low Quiescent
Current, Ultra-Low Noise, LDO
Linear Voltage Regulator
Noise sensitive applications such as Phase Locked Loops,
Oscillators, Frequency Synthesizers, Low Noise Amplifiers and other
Precision Instrumentation require very clean power supplies. The
NCP702 is a 200 mA LDO that provides the engineer with a very
stable, accurate voltage with ultra−low noise and very high Power
Supply Rejection Ratio (PSRR), making it suitable for RF
applications. The device doesn’t require an additional noise bypass
capacitor to achieve ultra−low noise performance. In order to optimize
performance for battery operated portable applications, the NCP702
employs an Adaptive Ground Current feature for ultra−low ground
current consumption during light−load conditions.
Features
Operating Input Voltage Range: 2.0 V to 5.5 V
Available in Fixed Voltage Options: 0.8 to 3.5 V
Contact Factory for Other Voltage Options
Output Voltage Trimming Step: 2.5 mV
Ultra−Low Quiescent Current of Typ. 10 mA
Ultra−Low Noise: 11 mVRMS from 100 Hz to 100 kHz
Very Low Dropout: 140 mV Typical at 200 mA
±2% Accuracy Over Full Load/Line/Temperature
High PSRR: 68 dB at 1 kHz
Thermal Shutdown and Current Limit Protections
Internal Soft−Start to Limit the Turn−On Inrush Current
Stable with a 1 mF Ceramic Output Capacitor
Available in TSOP−5 and XDFN 1.5 x 1.5 mm Package
Active Output Discharge for Fast Output Turn−Off
These are Pb−Free Devices
Typical Applicaitons
PDAs, Mobile Phones, GPS, Smartphones
Wireless Handsets, Wireless LAN, Bluetooth, Zigbee
Portable Medical Equipment
Other Battery Powered Applications
Figure 1. Typical Application Schematic
IN
EN
OUT
GND
NCP702
1 mF
1 mF
COUT
VOUT
CIN
VIN
http://onsemi.com
See detailed ordering, marking and shipping information in the
package dimensions section on page 18 of this data sheet.
ORDERING INFORMATION
TSOP−5
SN SUFFIX
CASE 483
1
5
X, XXX = Specific Device Code
M
= Date Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
5
XXXAYW
G
MARKING DIAGRAMS
XDFN−6
MX SUFFIX
CASE 711AE
X M
G
1
1
PIN CONNECTIONS
5−Pin TSOP−5
(Top View)
6−Pin XDFN 1.5 x 1.5 mm
(Top View)
OUT
N/C
N/C
IN
EN
GND
IN
EN
N/C
OUT
GND
1
1


Similar Part No. - NCP702SN31T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP702SN31T1G ONSEMI-NCP702SN31T1G Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
More results

Similar Description - NCP702SN31T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
NCP702SN28T1G ONSEMI-NCP702SN28T1G Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
logo
E-CMOS Corporation
EC8841 E-CMOS-EC8841 Datasheet
952Kb / 12P
   50mA Ultra-Low Quiescent Current LDO Linear Regulator
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936 TI-LM2936_15 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Richtek Technology Corp...
RT9086 RICHTEK-RT9086 Datasheet
1Mb / 21P
   250mA, Ultra-Low Noise, Low Quiescent Current, LDO Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com