Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4414 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4414
Description  High-Speed MOSFET Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4414 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4414 Datasheet HTML 1Page - ON Semiconductor NCP4414 Datasheet HTML 2Page - ON Semiconductor NCP4414 Datasheet HTML 3Page - ON Semiconductor NCP4414 Datasheet HTML 4Page - ON Semiconductor NCP4414 Datasheet HTML 5Page - ON Semiconductor NCP4414 Datasheet HTML 6Page - ON Semiconductor NCP4414 Datasheet HTML 7Page - ON Semiconductor NCP4414 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
August, 2002 – Rev. 1
1
Publication Order Number:
NCP4413/D
NCP4413, NCP4414
3 A High-Speed MOSFET
Drivers
The NCP4413/4414 are 3 A CMOS buffer/drivers. They will not
latch up under any conditions within their power and voltage ratings.
They are not subject to damage when up to 5 V of noise spiking of
either polarity that occurs on the ground pin. They can accept,
without damage or logic upset, up to 500 mA of current of either
polarity being forced back into their output. All terminals are fully
protected against up to 4 kV of electrostatic discharge.
As MOSFET drivers, the NCP4413/4414 can easily switch
1800 pF gate capacitance in 20 nsec with matched rise and fall times,
and provide low enough impedance in both the ON and the OFF
states to ensure the MOSFET’s intended state will not be affected,
even by large transients. The rise and fall time edges are matched to
allow driving short–duration inputs with greater output accuracy.
Features
Latch–up Protected: Will Withstand 500 mA Reverse Current
Input Will Withstand Negative Inputs Up to 5 V
ESD Protected (4 kV)
High Peak Output Current (3 A)
Wide Operating Range (4.5 V to 16 V)
High Capacitive Load Drive Capability (1800 pF in 20 nsec)
Short Delay Time (35 nsec Typ)
Consistent Delay Times with Changes in Supply Voltage
Matched Delay Times
Low Supply Current
With Logic “1” Input (500
mA)
With Logic “0” Input (100
mA)
Low Output Impedance (2.7 W)
OUTPUT
Functional Block Diagram
VDD
INPUT
GND
4.7 V
300 mV
NCP4413
EFFECTIVE
INPUT
C = 10 pF
NONINVERTING
OUTPUTS
INVERTING
OUTPUTS
NCP4414
Device
Package
Shipping
ORDERING INFORMATION
NCP4413DR2
Inverting
SO–8
2500 Tape & Reel
NCP4413P
Inverting
PDIP–8
50 Units/Rail
SO–8
D SUFFIX
CASE 751
1
8
MARKING
DIAGRAM
NCP
441x
YWWXZ
1
8
x
= Device Number (3 or 4)
YY, Y
= Year
WW, W = Work Week
X
= Assembly ID Code
Z
= Subcontractor ID Code
CO
= Country of Origin
PDIP–8
P SUFFIX
CASE 626
1
8
NCP441x
YYWWXZ
CO
1
8
NCP4414DR2
Non–Inverting
SO–8
2500 Tape & Reel
NCP4414P
Non–Inverting
PDIP–8
50 Units/Rail
http://onsemi.com


Similar Part No. - NCP4414

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
NCP4420DR2 ONSEMI-NCP4420DR2 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
NCP4420P ONSEMI-NCP4420P Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
NCP4421 ONSEMI-NCP4421 Datasheet
141Kb / 12P
   9.0 A High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
NCP4422 ONSEMI-NCP4422 Datasheet
141Kb / 12P
   9.0 A High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results

Similar Description - NCP4414

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1411NEOA713 MICROCHIP-TC1411NEOA713 Datasheet
714Kb / 18P
   1A High-Speed MOSFET Drivers
08/29/06
TC4452VOA713 MICROCHIP-TC4452VOA713 Datasheet
728Kb / 22P
   12A High-Speed MOSFET Drivers
10/31/05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com