Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3133A Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP3133A
Description  Integrated Synchronous Buck Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3133A Datasheet(HTML) 5 Page - ON Semiconductor

  NCP3133A Datasheet HTML 1Page - ON Semiconductor NCP3133A Datasheet HTML 2Page - ON Semiconductor NCP3133A Datasheet HTML 3Page - ON Semiconductor NCP3133A Datasheet HTML 4Page - ON Semiconductor NCP3133A Datasheet HTML 5Page - ON Semiconductor NCP3133A Datasheet HTML 6Page - ON Semiconductor NCP3133A Datasheet HTML 7Page - ON Semiconductor NCP3133A Datasheet HTML 8Page - ON Semiconductor NCP3133A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NCP3133A
http://onsemi.com
5
Table 4. ELECTRICAL CHARACTERISTICS
(VDD = VIN = 3.3 V and VDD = VIN = 5.0 V, over recommended free air temperature range, PGND = GND unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
POWER SUPPLY
VIN operation voltage
VIN
Nominal input voltage range
2.9
5.5
V
VIN UVLO threshold
Ramp up; EN = ‘HI’
2.8
V
VIN UVLO hysteresis
130
mV
VDD internal bias voltage
Nominal 3.3 V input voltage range
2.9
5.5
V
VDD UVLO threshold
Ramp up; EN = ‘HI’
2.8
V
VDD UVLO hysteresis
75
mV
VOLTAGE MONITOR
Power good low voltage
Pull−down voltage with 4 mA sink current
200
400
mV
Power good high leakage current
−2.0
0
2.0
mA
Power good threshold
Feedback lower voltage limit
80
83
86
%Vref
Feedback higher voltage limit
114
117
120
%Vref
Power good high delay
tPGDELAY
400
ms
Minimum Vin voltage for valid PGD
at start up
Measured at Vin with 1 mA (or 2 mA) sink
current on PGD pin at start up
1
V
Output over
-voltage protection
threshold at FB
114
117
120
%Vref
Over
-voltage blanking time
TOVPDLY
Time from FB higher than 20% of Vref to
OVP fault
1.0
1.7
2.5
ms
Output under
-voltage protection
threshold at FB
80
83
86
%Vref
Under
-voltage blanking time
TUVPDLY
Time from FB lower than 20% of Vref to
UVP fault
11
ms
SUPPLY CURRENT (TJ = +255C)
VDD quiescent current
IVDD
EN = ‘HI’, no switching
2.2
3.5
mA
VDD shutdown supply current
IVDD_SD
EN = ‘LO’
8.0
mA
Vin shutdown supply current
IQSHDN
EN = ‘LO’
3.5
mA
FEEDBACK VOLTAGE & ERROR AMPLIFIER
Reference voltage at FB
VREF
0
°C < TA < 85°C
−40
°C < TA < 85°C
594
592.5
600
600
606
607.5
mV
Unity gain bandwidth (Note 1)
14
MHz
Open loop gain (Note 1)
80
dB
FB pin leakage current
100
nA
Output sourcing and sinking current
(Note 1)
Ccomp = 20 pF
5
mA
Slew rate (Note 1)
5
V/
ms
OVER CURRENT PROTECTION & ZERO CROSSING
Over
-current limit on high−side FET
When Iout exceeds this threshold for 4
consecutive cycles. Vin = 3.3 V, Vout =
1.5 V with 1
mH inductor, TA = +25°C
4.2
4.8
5.4
A
One time over
-current latch off on
the low−side FET
Immediately shut down when sensed cur-
rent reach this value. Vin = 3.3 V, Vout =
1.5 V with 1
mH inductor, TA = +25°C
4.8
5.4
A
Zero crossing comparator internal
offset (Note 1)
PGND−SWN, Automatic CCM/DCM mode
−4.5
−3.0
−1.5
mV


Similar Part No. - NCP3133A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3133AMNTXG ONSEMI-NCP3133AMNTXG Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
More results

Similar Description - NCP3133A

ManufacturerPart #DatasheetDescription
logo
Rohm
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter Integrated FET
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
   Synchronous Buck Converter Integrated FET
BD9328EFJ-LB ROHM-BD9328EFJ-LB Datasheet
1Mb / 22P
   Synchronous Buck Converter Integrated FET
BD9106FVM ROHM-BD9106FVM_12 Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB_15 Datasheet
1Mb / 22P
   Synchronous Buck Converter integrated FET
BD89630EFJ ROHM-BD89630EFJ_12 Datasheet
630Kb / 25P
   Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_13 Datasheet
2Mb / 29P
   Synchronous Buck Converter Integrated FET
BD91501MUV ROHM-BD91501MUV Datasheet
570Kb / 26P
   Synchronous Buck Converter Integrated FET
BD9106FVM-LB ROHM-BD9106FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
BD9109FVM-LB ROHM-BD9109FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com