Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCN7201 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCN7201
Description  2:1 Gigabit Ethernet LAN Switch with Power-down Feature
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN7201 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCN7201 Datasheet HTML 2Page - ON Semiconductor NCN7201 Datasheet HTML 3Page - ON Semiconductor NCN7201 Datasheet HTML 4Page - ON Semiconductor NCN7201 Datasheet HTML 5Page - ON Semiconductor NCN7201 Datasheet HTML 6Page - ON Semiconductor NCN7201 Datasheet HTML 7Page - ON Semiconductor NCN7201 Datasheet HTML 8Page - ON Semiconductor NCN7201 Datasheet HTML 9Page - ON Semiconductor NCN7201 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NCN7201
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS
Typical values are referenced to TA = 25°C and VDD = 3.3 V, unless otherwise noted. Min/max values apply from TA = −40°C to 85°C,
unless otherwise noted. (Notes 4 and 5)
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
LED SWITCH DC CHARACTERISTICS (LEDAX, LEDBX, and LEDCX Pins)
On Resistance
VDD = 3.0 V, IIS = 40 mA,
VIS = 1.5 V
VIS = VDD
RON
17
12
25
25
W
On Resistance Flatness
VDD = 3.0 V, IIS = 40 mA,
VIS = 0 to VDD
RON−FLAT
8.4
W
On Resistance Matching
VDD = 3.0 V, IIS = 40 mA
VIS = 1.5 V
VIS = VDD
DRON
1.4
1.2
W
Switch Off Leakage
VDD = 3.6 V, VIS = 0 to 3.6 V
ISW_OFF
−0.1
0.1
mA
Switch On Leakage
VDD = 3.6 V, VIS = 0 to 3.6 V
ISW_ON
−0.1
0.1
mA
LED SWITCH AC CHARACTERISTICS (LEDAX, LEDBX, and LEDCX Pins)
On Capacitance
f = 1 MHz
CON
4.5
pF
Off Capacitance
f = 1 MHz
COFF
1.5
pF
Bandwidth
BW
750
MHz
Adjacent Channel Crosstalk
f = 250 MHz
CTK
−29
dB
Off Isolation
f = 250 MHz
ISO
−31
dB
DATA SWITCH TIMING CHARACTERISTICS
Propagation Delay
(Note 6)
tPD
0.25
ns
Line Enable Time
CL = 10 pF, RL = 50 W
tPZH, tPZL
30
ns
Line Disable Time
CL = 10 pF, RL = 50 W
tPHZ, tPLZ
6
ns
Bit−to−Bit Skew
CL = 10 pF, RL = 50 W
tB−B
0.1
ns
Channel−to−Channel Skew
CL = 10 pF, RL = 50 W
tCH−CH
0.1
ns
4. Refer to ABSOLUTE MAXIMUM RATINGS and APPLICATION INFORMATION for Safe Operating Area.
5. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25°C.
6. Guaranteed by design.


Similar Part No. - NCN7201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN7200 ONSEMI-NCN7200 Datasheet
123Kb / 10P
   Gigabit Ethernet LAN Switch with 2:1 Mux/ DeMux and Power-down Feature
March, 2011 ??Rev. 2
NCN7200MTTWG ONSEMI-NCN7200MTTWG Datasheet
123Kb / 10P
   Gigabit Ethernet LAN Switch with 2:1 Mux/ DeMux and Power-down Feature
March, 2011 ??Rev. 2
More results

Similar Description - NCN7201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN7200 ONSEMI-NCN7200 Datasheet
123Kb / 10P
   Gigabit Ethernet LAN Switch with 2:1 Mux/ DeMux and Power-down Feature
March, 2011 ??Rev. 2
logo
Pericom Semiconductor C...
PI3L720ZHE PERICOM-PI3L720ZHE Datasheet
563Kb / 10P
   2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Power-down Mode
logo
ON Semiconductor
NS3L500 ONSEMI-NS3L500 Datasheet
127Kb / 10P
   3.3V, 8-Channel, 2:1 Gigabit Ethernet LAN Switch with LED Switch
July, 2010 ??Rev. 0
logo
Central Technologies
CTLFPP1GF CT-CTLFPP1GF Datasheet
423Kb / 3P
   LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF24P1GF CT-CTLF24P1GF Datasheet
357Kb / 2P
   LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF24S1GF CT-CTLF24S1GF Datasheet
313Kb / 2P
   LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF48S1GF CT-CTLF48S1GF Datasheet
600Kb / 2P
   LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
logo
Pericom Semiconductor C...
PI3L500 PERICOM-PI3L500 Datasheet
455Kb / 7P
   3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
logo
Texas Instruments
TS3L501E TI-TS3L501E Datasheet
273Kb / 14P
[Old version datasheet]   16-BIT TO 8-BIT MULTIPLEXER/DEMULTIPLEXER GIGABIT ETHERNET LAN SWITCH WITH POWER DOWN MODE
TS3L501E TI-TS3L501E Datasheet
273Kb / 14P
[Old version datasheet]   16-BIT TO 8-BIT MULTIPLEXER/DEMULTIPLEXER GIGABIT ETHERNET LAN SWITCH WITH POWER DOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com