Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3L8543S Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3L8543S
Description  2.5 V/3.3 V Differential 2:1 MUX to 4 LVDS Clock Fanout Buffer Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3L8543S Datasheet(HTML) 2 Page - ON Semiconductor

  NB3L8543S Datasheet HTML 1Page - ON Semiconductor NB3L8543S Datasheet HTML 2Page - ON Semiconductor NB3L8543S Datasheet HTML 3Page - ON Semiconductor NB3L8543S Datasheet HTML 4Page - ON Semiconductor NB3L8543S Datasheet HTML 5Page - ON Semiconductor NB3L8543S Datasheet HTML 6Page - ON Semiconductor NB3L8543S Datasheet HTML 7Page - ON Semiconductor NB3L8543S Datasheet HTML 8Page - ON Semiconductor NB3L8543S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NB3L8543S
www.onsemi.com
2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Q0
Q0
VDD
Q1
Q1
Q2
Q2
GND
Q3
Q3
GND
CLK_EN
CLK_SEL
CLK
PCLK
PCLK
OE
GND
VDD
CLK
Figure 2. Pinout Diagram (Top View)
Table 1. PIN DESCRIPTION
Number
Name
I/O
Open
Default
Description
1, 9, 13
GND
Power
Negative (Ground) Power Supply pins must be externally connected
to power supply to guarantee proper operation.
2
CLK_EN
NC
Pullup
Synchronized Clock Enable when HIGH. When LOW, outputs are
disabled (Qx HIGH, Qx LOW). See Figure 3.
3
CLK_SEL
NC
Pulldown
Clock Input Select (HIGH selects PCLK/PCLK, LOW selects CLK/
CLK input
4
CLK
Input
Pulldown
True Standard Clock Input. Float open when unused.
5
CLK
Input
Pullup
Invert Standard Clock Inputs. Float open when unused.
6
PCLK
Input
Pulldown
True Peripheral Clock Input. Float open when unused.
7
PCLK
Input
Pullup
Invert Peripheral Clock Inputs. Float open when unused.
8
OE
NC
Pullup
Output Enable Control. When HIGH, the outputs are active and en-
abled. When LOW, the outputs are high impedance disabled.
10 ,18
VDD
Power
Positive Power Supply pin must be externally connected to power
supply to guarantee proper operation.
11, 14, 16,
19
Q[3:0]
Output
Invert LVDS Outputs
12, 15, 17,
20
Q[3:0]
Output
True LVDS Outputs


Similar Part No. - NB3L8543S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L8504S ONSEMI-NB3L8504S Datasheet
295Kb / 11P
   2.5 V / 3.3 V 1:4 Differential Input to LVDS Fanout Buffer
November, 2014 ??Rev. 1
NB3L8504S ONSEMI-NB3L8504S Datasheet
249Kb / 11P
   1:4 Differential Input to LVDS Fanout Buffer / Translator
April, 2016 ??Rev. 2
NB3L8504SDTG ONSEMI-NB3L8504SDTG Datasheet
295Kb / 11P
   2.5 V / 3.3 V 1:4 Differential Input to LVDS Fanout Buffer
November, 2014 ??Rev. 1
NB3L8504SDTG ONSEMI-NB3L8504SDTG Datasheet
249Kb / 11P
   1:4 Differential Input to LVDS Fanout Buffer / Translator
April, 2016 ??Rev. 2
NB3L8504SDTR2G ONSEMI-NB3L8504SDTR2G Datasheet
295Kb / 11P
   2.5 V / 3.3 V 1:4 Differential Input to LVDS Fanout Buffer
November, 2014 ??Rev. 1
More results

Similar Description - NB3L8543S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L8504S ONSEMI-NB3L8504S Datasheet
295Kb / 11P
   2.5 V / 3.3 V 1:4 Differential Input to LVDS Fanout Buffer
November, 2014 ??Rev. 1
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
   2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
NB3L14S ONSEMI-NB3L14S Datasheet
127Kb / 8P
   2.5 V 1:4 LVDS Fanout Buffer
November, 2012 ??Rev. 0
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
logo
Integrated Device Techn...
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
logo
ON Semiconductor
NB6N14S ONSEMI-NB6N14S Datasheet
176Kb / 10P
   3.3 V 1:4 AnyLevel Differential Input to LVDS Fanout Buffer/Translator
January, 2007 ??Rev. 3
NB6N14SMNGEVB ONSEMI-NB6N14SMNGEVB Datasheet
279Kb / 11P
   3.3 V 1:4 AnyLevel Differential Input to LVDS Fanout Buffer/Translator
September, 2013 ??Rev. 8
NB6L14S ONSEMI-NB6L14S Datasheet
216Kb / 11P
   2.5 V 1:4 AnyLevel??Differential Input to LVDS Fanout Buffer/Translator
June, 2009 ??Rev. 0
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com