Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3H5150 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NB3H5150
Description  Low Noise Multi-Rate Clock Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3H5150 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NB3H5150 Datasheet HTML 6Page - ON Semiconductor NB3H5150 Datasheet HTML 7Page - ON Semiconductor NB3H5150 Datasheet HTML 8Page - ON Semiconductor NB3H5150 Datasheet HTML 9Page - ON Semiconductor NB3H5150 Datasheet HTML 10Page - ON Semiconductor NB3H5150 Datasheet HTML 11Page - ON Semiconductor NB3H5150 Datasheet HTML 12Page - ON Semiconductor NB3H5150 Datasheet HTML 13Page - ON Semiconductor NB3H5150 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
NB3H5150
www.onsemi.com
10
Table 8. DC CHARACTERISTICS
VDD = AVDDn = 3.3 V ±5% or 2.5 V ±5%; VDDOn = 3.3 V ±5% or 2.5 V ±5% or 1.8 V ±5%; GND = 0 V; TA = −40°C to 85°C
Symbol
Unit
Max
Typ
Min
Characteristic
LVCMOS OUTPUT; See Figure 12
VOH
Output HIGH Voltage IOH = 12 mA
VDDO – 0.5
VDDO
V
VOL
Output LOW Voltage IOL = 12 mA
GND
0.5
V
ROUT
Output Impedance
15
W
CRYSTAL INPUT DRIVEN SINGLE−ENDED (REFMODE = 1) (see Figure 3 and 5) (Note 9)
VIHSE
CLK_XTAL1 Single−Ended Input HIGH Voltage
200
VDD
mV
VILSE
CLK_XTAL1 Single−Ended Input LOW Voltage
GND
VIHSE − 200
mV
Vth
Input Threshold Reference Voltage Range
100
VDD − 100
mV
VISE
Single−Ended Input Voltage (VIH – VIL)
200
VDD
mV
CRYSTAL INPUTS DRIVEN DIFFERENTIALLY (REFMODE = 1) (see Figure 4 and 6) (Note 11)
VIHD
Differential Input HIGH Voltage
100
VDD
mV
VILD
Differential Input LOW Voltage
GND
VIHD – 100
mV
VID
Differential Input Voltage (VIHD – VILD)
100
VDD
mV
VCMR
Input Common Mode Range (Differential Configuration)
(Note 10) (Figure 8)
50
VDD − 50
mV
IIH
Input HIGH Current CLK_XTAL1 and CLKb_XTAL2
−10
10
mA
IIL
Input LOW Current CLK_XTAL1 & CLKb_XTAL2
−10
10
mA
LVCMOS − CONTROL AND SDA & SCL/PD INPUTS
VIH
Input HIGH Voltage for MMC & REFMODE Pins
VDD = 3.3 V
VDD = 2.5 V
2.1
1.75
VDD
V
VIH
Input HIGH Voltage for SDA & SCL/PD Pins
VDD = 3.3 V
VDD = 2.5 V
2.1
1.75
5.5
V
VIL
Input LOW Voltage for Control Pins and SDA & SCL/PD VDD = 3.3 V
VDD = 2.5 V
GND
0.7
0.7
V
IIH
Input HIGH Current
−150
150
mA
IIL
Input LOW Current
−150
150
mA
VIHtri
Tri−Level Input High Voltage (FSn pins)
VDD x 75%
VDD
V
VDD = 3.3 V
2.48
VDD
VDD = 2.5 V
1.88
VDD
VIMtri
Tri−Level Input Med Voltage (FSn pins)
VDD x 40%
VDD x 60%
V
VDD = 3.3 V
1.32
1.98
VDD = 2.5 V
1.00
1.67
VILtri
Tri−Level Input Low Voltage (FSn pins)
GND
VDD x 25%
V
VDD = 3.3 V
0.00
0.83
V
VDD = 2.5 V
0.00
0.63
RIN
Input Impedance
10
k
W
CIN
Input Capacitance − Crystal pins; REFMODE = H
2
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
7. LVPECL Outputs loaded with 50
W to VDDO – 2 V for proper operation.
8. LVPECL Output parameters vary 1:1 with VDDO.
9. VIH, VIL, Vth, and VISE parameters must be complied with simultaneously.
10. VCMR min varies 1:1 with GND, VCMR max varies 1:1 with VDD.
11. VIHD, VILD, VID and VCMR parameters must be complied with simultaneously.
12. IDD / VDD is independent of IDDOn/ VDDOn


Similar Part No. - NB3H5150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3H5150 ONSEMI-NB3H5150 Datasheet
181Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
March, 2016 ??Rev. 3
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
NB3H5150-01MNTXG ONSEMI-NB3H5150-01MNTXG Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
More results

Similar Description - NB3H5150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3H5150-01 ONSEMI-NB3H5150-01_17 Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
NB3H5150-01 ONSEMI-NB3H5150-01_16 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
NB3H5150 ONSEMI-NB3H5150_16 Datasheet
181Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
March, 2016 ??Rev. 3
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
logo
Asahi Kasei Microsystem...
AK8132A AKM-AK8132A Datasheet
357Kb / 11P
   Multi Clock Generator
AK8146A AKM-AK8146A Datasheet
399Kb / 6P
   Multi Clock Generator
AK8128S AKM-AK8128S Datasheet
395Kb / 10P
   Multi Clock Generator
logo
Burr-Brown (TI)
PLL1700 BURR-BROWN-PLL1700 Datasheet
137Kb / 9P
   MULTI-CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com