Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU8402D Datasheet(PDF) 5 Page - New Japan Radio

Part # NJU8402D
Description  DIGITAL TO ANALOG CONVERTER FOR STEREO AUDIO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8402D Datasheet(HTML) 5 Page - New Japan Radio

  NJU8402D Datasheet HTML 1Page - New Japan Radio NJU8402D Datasheet HTML 2Page - New Japan Radio NJU8402D Datasheet HTML 3Page - New Japan Radio NJU8402D Datasheet HTML 4Page - New Japan Radio NJU8402D Datasheet HTML 5Page - New Japan Radio NJU8402D Datasheet HTML 6Page - New Japan Radio NJU8402D Datasheet HTML 7Page - New Japan Radio NJU8402D Datasheet HTML 8Page - New Japan Radio NJU8402D Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NJU8402
- 5 -
s ABSOLUTE MAXIMUM RATING
(V
SS=AVSS=0V)
PARAMETER
SYMBOL
CONDITIONS
UNIT
DIGITAL
V
DD
−0.3 to+7.0
V
ANALOG
AV
DD
−0.3 to +7.0
V
Power Supply
V
DD - AVDD
∆VAVD
V
DD - AVDD<0.2
V
Input Voltage
VIN
−0.3 to V
DD + 0.3
V
Operating Temperature
Ta
−30 to +80
°C
Storage Temperature
Tstg
−40 to +125
°C
Power Consumption
PD
500(DIP16)
200(DMP16)
mW
s RECOMMENDATION OPERATION CONDITION
(V
SS=AVSS=0V)
CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
DIGITAL
V
DD
4.75
5.0
5.25
V
Power
Supply
ANALOG
AV
DD
4.75
5.0
5.25
V


Similar Part No. - NJU8402D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU8710 NJRC-NJU8710 Datasheet
90Kb / 6P
   2V Operation Clock-less Switching Driver for Class D Amplifier
NJU8710R NJRC-NJU8710R Datasheet
90Kb / 6P
   2V Operation Clock-less Switching Driver for Class D Amplifier
NJU8711 NJRC-NJU8711 Datasheet
97Kb / 7P
   3V Operation Switching Driver for Class D Amplifier
NJU8711V NJRC-NJU8711V Datasheet
97Kb / 7P
   3V Operation Switching Driver for Class D Amplifier
NJU8713 NJRC-NJU8713 Datasheet
100Kb / 8P
   2V Operation Switching Driver for Class D Amplifier
More results

Similar Description - NJU8402D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1796 TI1-PCM1796_15 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com