Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25017 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM25017
Description  LM25017 48-V, 650-mA Constant On-Time Synchronous Buck Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25017 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM25017_15 Datasheet HTML 3Page - Texas Instruments LM25017_15 Datasheet HTML 4Page - Texas Instruments LM25017_15 Datasheet HTML 5Page - Texas Instruments LM25017_15 Datasheet HTML 6Page - Texas Instruments LM25017_15 Datasheet HTML 7Page - Texas Instruments LM25017_15 Datasheet HTML 8Page - Texas Instruments LM25017_15 Datasheet HTML 9Page - Texas Instruments LM25017_15 Datasheet HTML 10Page - Texas Instruments LM25017_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
50
100
150
200
250
300
10
15
20
25
30
35
40
45
50
VIN (V)
RON=499kOhms,
VOUT=10V
C010
1.60
1.64
1.68
1.72
1.76
1.80
1.84
0
10
20
30
40
50
VIN (V)
UVLO=VIN, FB=3V
C016
0
20
40
60
80
100
120
0
10
20
30
40
50
VIN (V)
UVLO=0
C017
LM25017
www.ti.com
SNVS951D – DECEMBER 2012 – REVISED DECEMBER 2014
Typical Characteristics (continued)
Figure 7. IIN vs VIN (Operating, Non Switching)
Figure 8. IIN vs VIN (Shutdown)
Figure 9. Switching Frequency vs VIN
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25017


Similar Part No. - LM25017_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25017MR/NOPB TI-LM25017MR/NOPB Datasheet
337Kb / 19P
[Old version datasheet]   48V, 650mA Constant On-Time Synchronous Buck Regulator
LM25017MRE/NOPB TI-LM25017MRE/NOPB Datasheet
337Kb / 19P
[Old version datasheet]   48V, 650mA Constant On-Time Synchronous Buck Regulator
LM25017MRX/NOPB TI-LM25017MRX/NOPB Datasheet
337Kb / 19P
[Old version datasheet]   48V, 650mA Constant On-Time Synchronous Buck Regulator
LM25017SD/NOPB TI-LM25017SD/NOPB Datasheet
337Kb / 19P
[Old version datasheet]   48V, 650mA Constant On-Time Synchronous Buck Regulator
LM25017SDE/NOPB TI-LM25017SDE/NOPB Datasheet
337Kb / 19P
[Old version datasheet]   48V, 650mA Constant On-Time Synchronous Buck Regulator
More results

Similar Description - LM25017_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25019 TI-LM25019_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM25018 TI-LM25018_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25018 48-V, 325-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018_13 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 300 mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019_14 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 100 mA Constant On-Time Synchronous Buck Regulator
LM5018 TI-LM5018_15 Datasheet
1Mb / 32P
[Old version datasheet]   100-V, 300-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017_17 Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com