Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5045 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 5Page - Texas Instruments LM5045 Datasheet HTML 6Page - Texas Instruments LM5045 Datasheet HTML 7Page - Texas Instruments LM5045 Datasheet HTML 8Page - Texas Instruments LM5045 Datasheet HTML 9Page - Texas Instruments LM5045 Datasheet HTML 10Page - Texas Instruments LM5045 Datasheet HTML 11Page - Texas Instruments LM5045 Datasheet HTML 12Page - Texas Instruments LM5045 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
LM5045
www.ti.com
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
Electrical Characteristics (continued)
Limits in standard typeface are for TJ = 25°C only; MIN and MAX limits apply the junction temperature range of –40°C to
125°C. Unless otherwise specified, the following conditions apply: VIN = 48 V, RT = 25 kΩ, RD1 = RD2 = 20 kΩ. No load on
HO1, HO2, LO1, LO2, SR1, SR2, COMP = 0 V, UVLO = 2.5 V, OVP = 0 V, SSOFF = 0 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYNCHRONOUS RECTIFIER TIMING CONTROL (RD1 and RD2 PINS)
T1
SR trailing edge delay
RD1 = 20 kΩ
45
65
90
ns
SR turnoff to HO&LO both on
RD1 = 100 kΩ
232
300
388
ns
T2
SR leading edge
RD2 = 20 kΩ
43
65
90
ns
HO or LO turnoff to SR turnon
RD2 = 100 kΩ
227
300
384
ns
COMP PIN
VPWM-OS
COMP current to RAMP offset
VRAMP = 0 V
680
800
940
µA
VSS-OS
SS to RAMP offset
VRAMP = 0 V
0.78
1.0
1.22
V
COMP current to RAMP gain
ΔRAMP/ΔICOMP
2400
SS to RAMP gain
ΔSS/ΔRAMP
0.5
COMP current for SSSR charge
VSS > 2 V
690
800
915
µA
current enable
COMP to output delay
120
ns
Minimum duty cycle
ICOMP = 1 mA
0%
SLOPE COMPENSATION (SLOPE PIN)
ISLOPE
Slope compensation current ramp
Peak of RAMP current
100
µA
BOOST (BST PIN)
VBst uv
BST under-voltage threshold
VBST – VHS rising
3.8
4.7
5.6
V
Hysteresis
0.5
V
HO1, HO2, LO1, LO2 GATE DRIVERS
VOL
Low-state output voltage
IHO/LO = 100 mA
0.16
0.32
V
VOH
High-state output voltage
IHO/LO = 100 mA
0.27
0.495
VOHL = VCC – VLO
V
VOHH = VBST – VHO
Rise Time
C-load = 1000 pF
16
ns
Fall Time
C-load = 1000 pF
11
ns
IOHL
Peak Source Current
VHO/LO = 0 V
1.5
A
IOLL
Peak Sink Current
VHO/LO = VCC
2
A
SR1, SR2 GATE DRIVERS
VOL
Low-state output voltage
ISR1/SR2 = 10 mA
0.05
0.1
V
VOH
High-state output voltage
ISR1/SR2 = 10 mA,
0.17
0.28
V
VOH = VREF – VSR
Rise Time
C-load = 1000 pF
60
ns
Fall Time
C-load = 1000 pF
20
ns
IOHL
Peak Source Current
VSR = 0 V
0.1
A
IOLL
Peak Sink Current
VSR = VREF
0.4
A
THERMAL SHUTDOWN
TSD
Thermal Shutdown Temp
160
°C
Thermal Shutdown Hysteresis
25
°C
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5045


Similar Part No. - LM5045

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5045 NSC-LM5045 Datasheet
2Mb / 12P
   Input operating range: 36V to 75V Board size: 2.28 x 1.45 x 0.5 inches
logo
Texas Instruments
LM5045 TI-LM5045 Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045 TI-LM5045 Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results

Similar Description - LM5045

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045SQ TI-LM5045SQ Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
logo
National Semiconductor ...
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035 TI-LM5035_15 Datasheet
1Mb / 39P
[Old version datasheet]   PWM Controller With Integrated Half-Bridge and SyncFET Drivers
logo
National Semiconductor ...
LM5035 NSC-LM5035 Datasheet
922Kb / 28P
   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035A TI-LM5035A_15 Datasheet
1Mb / 40P
[Old version datasheet]   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com