Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5026 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5026
Description  LM5026 Active Clamp Current Mode PWM Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5026 Datasheet(HTML) 3 Page - Texas Instruments

  LM5026_15 Datasheet HTML 1Page - Texas Instruments LM5026_15 Datasheet HTML 2Page - Texas Instruments LM5026_15 Datasheet HTML 3Page - Texas Instruments LM5026_15 Datasheet HTML 4Page - Texas Instruments LM5026_15 Datasheet HTML 5Page - Texas Instruments LM5026_15 Datasheet HTML 6Page - Texas Instruments LM5026_15 Datasheet HTML 7Page - Texas Instruments LM5026_15 Datasheet HTML 8Page - Texas Instruments LM5026_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LOGIC
VIN
VCC
REF
SS
SOFT-STOP
(50 PA)
RT
PGND
AGND
5V
REFERENCE
OSCILLATOR
AND
DUTY CYCLE
LIMITER
DEADTIME
OR
OVERLAP
CONTROL
CLK
CS
TIME
0.5V
PWM
5k
5V
1.4V
R
S
Q
SS
SLOPE COMP
RAMP
VCC
UVLO
7.6V BIAS
REGULATOR
OUT_A
DRIVER
VCC
OUT_B
DRIVER
COMP
RESTART
DELAY
(1 PA)
SS
SYNC
UVLO
HYSTERESIS (20 PA)
1.25V
R
2R
2k
RES
CURRENT LIMIT
RESTART
TIMER
&
SS CONTROL
CURRENT
LIMIT
45 PA
0
DCL
SHUTDOWN
0.4V/0.3V
STANDBY
1 : 1
THERMAL
LIMIT
CURRENT
LIMITING
(10 PA)
SOFT-START
(50 PA)
5V
5V
5V
NOT
CURRENT
LIMITING
(10 PA)
VCC
OUT_A + LEB
LM5026
www.ti.com
SNVS363D – AUGUST 2005 – REVISED APRIL 2013
PIN DESCRIPTIONS (continued)
Pin
Name
Description
Application Information
EP
Exposed Pad
Exposed Pad, underside of
Connect to system ground plane for reduced thermal resistance.
(WSON
WSON package
Package Only)
Block Diagram
Figure 4. Simplified Block Diagram
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5026


Similar Part No. - LM5026_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5026 TI1-LM5026_15 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
More results

Similar Description - LM5026_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
   Active Clamp Current-Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2893 TI1-UCC2893_14 Datasheet
1Mb / 42P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5026 TI1-LM5026_15 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2897A TI-UCC2897A_15 Datasheet
1Mb / 46P
[Old version datasheet]   Advanced Current-Mode Active-Clamp PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com