Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5025A Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5025A
Description  Active Clamp Voltage Mode PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5025A Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5025A_15 Datasheet HTML 5Page - Texas Instruments LM5025A_15 Datasheet HTML 6Page - Texas Instruments LM5025A_15 Datasheet HTML 7Page - Texas Instruments LM5025A_15 Datasheet HTML 8Page - Texas Instruments LM5025A_15 Datasheet HTML 9Page - Texas Instruments LM5025A_15 Datasheet HTML 10Page - Texas Instruments LM5025A_15 Datasheet HTML 11Page - Texas Instruments LM5025A_15 Datasheet HTML 12Page - Texas Instruments LM5025A_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
-40
25
75
125
TEMPERATURE (
oC)
14
16
18
20
22
24
26
-40
25
75
125
TEMPERATURE (
oC)
80
90
100
110
120
130
140
0
20
40
60
80
100
120
RSET (k:)
0
50
100
150
200
250
300
350
400
LM5025A
www.ti.com
SNVS293E – DECEMBER 2004 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Dead Time vs Temperature
Dead Time vs RSET
RSET = 29.5K
Figure 10.
Figure 11.
SS Pin Current vs Temperature
Figure 12.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5025A


Similar Part No. - LM5025A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5025A TI1-LM5025A_14 Datasheet
1Mb / 22P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
More results

Similar Description - LM5025A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5025 TI1-LM5025_16 Datasheet
1Mb / 32P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025D TI-LM5025D_15 Datasheet
709Kb / 31P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025B TI1-LM5025B Datasheet
1Mb / 24P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025C NSC-LM5025C Datasheet
378Kb / 16P
   Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025A TI1-LM5025A Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025B NSC-LM5025B Datasheet
708Kb / 16P
   Active Clamp Voltage Mode PWM Controller
LM5025A NSC-LM5025A Datasheet
698Kb / 16P
   Active Clamp Voltage Mode PWM Controller
LM5025 NSC-LM5025 Datasheet
316Kb / 16P
   Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025A TI1-LM5025A_14 Datasheet
1Mb / 22P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025 TI-LM5025_15 Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com