Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4140ACM-4.1 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4140ACM-4.1
Description  High Precision Low Noise Low Dropout Voltage Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4140ACM-4.1 Datasheet(HTML) 5 Page - Texas Instruments

  LM4140ACM-4.1 Datasheet HTML 1Page - Texas Instruments LM4140ACM-4.1 Datasheet HTML 2Page - Texas Instruments LM4140ACM-4.1 Datasheet HTML 3Page - Texas Instruments LM4140ACM-4.1 Datasheet HTML 4Page - Texas Instruments LM4140ACM-4.1 Datasheet HTML 5Page - Texas Instruments LM4140ACM-4.1 Datasheet HTML 6Page - Texas Instruments LM4140ACM-4.1 Datasheet HTML 7Page - Texas Instruments LM4140ACM-4.1 Datasheet HTML 8Page - Texas Instruments LM4140ACM-4.1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LM4140
www.ti.com
SNVS053E – JUNE 2000 – REVISED APRIL 2013
LM4140 Typical Performance Characteristics
Unless otherwise specified, TA = 25°C, No Load, COUT = 1μF, VIN = 3.0V for LM4140-1.024 and LM4140-1.250, and 5V for all
other voltage options. VIN = VEN.
Power Up/Down Ground Current
Enable Response
Figure 4.
Figure 5.
* The 1
μF output capacitor is actively discharged to ground. See ON/OFF OPERATION section for more details.
Line Transient Response
Load Transient Response
Figure 6.
Figure 7.
Output Impedance
Power Supply Rejection Ratio
Figure 8.
Figure 9.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4140


Similar Part No. - LM4140ACM-4.1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140ACM-4.1 NSC-LM4140ACM-4.1 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
LM4140ACM-4.1 NSC-LM4140ACM-4.1 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
More results

Similar Description - LM4140ACM-4.1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140 NSC-LM4140 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Texas Instruments
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4140 NSC-LM4140_05 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com