Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4132 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4132
Description  LM4132/LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4132 Datasheet(HTML) 1 Page - Texas Instruments

  LM4132_15 Datasheet HTML 1Page - Texas Instruments LM4132_15 Datasheet HTML 2Page - Texas Instruments LM4132_15 Datasheet HTML 3Page - Texas Instruments LM4132_15 Datasheet HTML 4Page - Texas Instruments LM4132_15 Datasheet HTML 5Page - Texas Instruments LM4132_15 Datasheet HTML 6Page - Texas Instruments LM4132_15 Datasheet HTML 7Page - Texas Instruments LM4132_15 Datasheet HTML 8Page - Texas Instruments LM4132_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
LM4132
VIN
Input
5V
Output
2.5V
VREF
EN
GND
Enable
CIN
COUT
*
*
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM4132, LM4132-Q1
SNVS372D – AUGUST 2005 – REVISED APRIL 2015
LM4132/LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
1 Features
3 Description
The LM4132 family of precision voltage references
1
Output Initial Voltage Accuracy 0.05%
performs comparable to the best laser-trimmed
Low Temperature Coefficient 10 ppm/°C
bipolar references, but in cost effective CMOS
Low Supply Current, 60 µA
technology. The key to this break through is the use
of EEPROM registers for correction of curvature,
Enable Pin Allowing a 3 µA Shutdown Mode
tempco,
and
accuracy
on
a
CMOS
bandgap
20 mA Output Current
architecture that allows package level programming
Voltage Options 1.8V, 2.048 V, 2.5 V, 3.0 V, 3.3
to overcome assembly shift. The shifts in voltage
V, 4.096 V
accuracy and tempco during assembly of die into
plastic packages limit the accuracy of references
Custom Voltage Options Available (1.8V to
trimmed with laser techniques.
4.096V)
VIN Range of VREF + 400 mV to 5.5 V @ 10 mA
Unlike other LDO references, the LM4132 is capable
of delivering up to 20mA and does not require an
Stable with Low ESR Ceramic Capacitors
output
capacitor
or
buffer
amplifier.
These
SOT23-5 Package
advantages and the SOT23 packaging are important
LM4132AQ1/BQ1/CQ1/DQ1/EQ1 are AEC Q-100
for space-critical applications.
grade 1 qualified and are manufactured on an
Series references provide lower power consumption
Automotive Grade flow
than shunt references, since they do not have to idle
the maximum possible load current under no load
2 Applications
conditions. This advantage, the low quiescent current
(60µA), and the low dropout voltage (400mV) make
Instrumentation & Process Control
the LM4132 ideal for battery-powered solutions.
Test Equipment
The LM4132 is available in five grades (A, B, C, D
Data Acquisition Systems
and E) for greater flexibility. The best grade devices
Base Stations
(A) have an initial accuracy of 0.05% with a specified
Servo Systems
temperature coefficient of 10ppm/°C or less, while the
lowest grade parts (E) have an initial accuracy of
Portable, Battery Powered Equipment
0.5% and a tempco of 30ppm/°C.
Automotive & Industrial
Precision Regulators
Battery Chargers
Communications
Medical Equipment
*Note: The capacitor CIN is required and
the capacitor COUT is optional.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM4132_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4132 TI1-LM4132_16 Datasheet
1Mb / 40P
[Old version datasheet]   LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
More results

Similar Description - LM4132_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4132 TI1-LM4132_16 Datasheet
1Mb / 40P
[Old version datasheet]   LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI-LM4132 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790 LINER-LT1790 Datasheet
297Kb / 24P
   Micropower SOT-23 Low Dropout Reference Family
logo
Analog Devices
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com