Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM136-5.0 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM136-5.0
Description  LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM136-5.0 Datasheet(HTML) 4 Page - Texas Instruments

  LM136-5.0_15 Datasheet HTML 1Page - Texas Instruments LM136-5.0_15 Datasheet HTML 2Page - Texas Instruments LM136-5.0_15 Datasheet HTML 3Page - Texas Instruments LM136-5.0_15 Datasheet HTML 4Page - Texas Instruments LM136-5.0_15 Datasheet HTML 5Page - Texas Instruments LM136-5.0_15 Datasheet HTML 6Page - Texas Instruments LM136-5.0_15 Datasheet HTML 7Page - Texas Instruments LM136-5.0_15 Datasheet HTML 8Page - Texas Instruments LM136-5.0_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LM136-5.0, LM236-5.0, LM336-5.0
SNVS750D – JUNE 1999 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
(1)
LM136A-5.0/LM236A-5.0
LM336B-5.0
Parameter
Conditions
LM136-5.0/LM236-5.0
LM336-5.0
Units
Min
Typ
Max
Min
Typ
Max
−25°C≤TA≤+85°C (LM236-5.0)
7
18
mV
−55°C≤TA≤+125°C (LM136-5.0)
20
36
mV
Reverse Breakdown
600
μA≤IR≤10 mA
6
17
6
24
mV
Change
With Current
Adjustment Range
Circuit of Figure 14
±1
±1
V
Reverse Dynamic
IR = 1 mA
0.8
1.6
0.8
2.5
Ω
Impedance
Long Term Stability
TA=25°C±0.1°C, IR=1 mA, t = 1000 hrs
20
20
ppm
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM136-5.0 LM236-5.0 LM336-5.0


Similar Part No. - LM136-5.0_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM136-5.0-MW8 TI1-LM136-5.0-MW8 Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
LM136-5.0-MW8 TI1-LM136-5.0-MW8 Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
LM136-5.0QML TI1-LM136-5.0QML Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
LM136-5.0QML TI1-LM136-5.0QML Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
LM136-5.0QML-SP TI1-LM136-5.0QML-SP Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
More results

Similar Description - LM136-5.0_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM336MX-2.5 TI1-LM336MX-2.5 Datasheet
715Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM136-2.5-N TI1-LM136-2.5-N Datasheet
316Kb / 16P
[Old version datasheet]   LM136-2.5 LM236-2.5 LM336-2.5V Reference Diode
LM236-2.5-N TI1-LM236-2.5-N Datasheet
715Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM336M-2.5 TI1-LM336M-2.5 Datasheet
715Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM336M-25 TI-LM336M-25 Datasheet
676Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM136-5.0QML TI1-LM136-5.0QML Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500 Datasheet
143Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF50 ZETEX-ZREF50 Datasheet
67Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com