Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4967 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 1N4967
Description  5 WATT GLASS ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4967 Datasheet(HTML) 3 Page - Microsemi Corporation

  1N4967 Datasheet HTML 1Page - Microsemi Corporation 1N4967 Datasheet HTML 2Page - Microsemi Corporation 1N4967 Datasheet HTML 3Page - Microsemi Corporation 1N4967 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VOIDLESS-HERMETICALLY-SEALED
5 WATT GLASS ZENER DIODES
SCOTTSD A L E DIVISION
1N4954 thru 1N4996, 1N5968 thru 1N5969, and
1N6632 thru 1N6637
SYMBOLS & DEFINITIONS
Symbol
Definition
VZ
Zener Voltage: The zener voltage the device will exhibit at a specified current (IZ) in its breakdown region.
IZ, IZT, IZK
Regulator Current: The dc regulator current (IZ), at a specified test point (IZT), or near breakdown knee (IZK).
ZZT or ZZK
Dynamic Impedance: The small signal impedance of the diode when biased to operate in its breakdown region
at a specified rms current modulation (typically 10% of IZT or IZK) and superimposed on IZT or IZK respectively.
VF
Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current.
IR
Maximum Reverse Current: The maximum reverse (leakage) current that will flow at the specified voltage and
temperature.
IZM
Maximum Regulator (Zener) Current: The maximum rated dc current for the specified power rating.
IZSM
Maximum Zener Surge Current: The nonrepetitive peak value of zener surge current at a specified wave form.
GRAPHS
FIGURE 1
FIGURE 2
POWER DISSIPATION vs. LEAD
SURGE POWER vs.
TEMPERATURE DERATING CURVE
SURGE DURATION
FIGURE 3
TYPICAL ZENER IMPEDANCE vs.
ZENER CURRENT
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2005
2-4-2005 REV C


Similar Part No. - 1N4967

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4967 NJSEMI-1N4967 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
logo
Semtech Corporation
1N4967 SEMTECH-1N4967 Datasheet
93Kb / 2P
   5 WATT VOLTAGE REGULATOR
logo
New Jersey Semi-Conduct...
1N4967 NJSEMI-1N4967 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4967 NJSEMI-1N4967 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
logo
Digitron Semiconductors
1N4967 DIGITRON-1N4967 Datasheet
200Kb / 3P
   5 WATT GLASS ZENER DIODES
More results

Similar Description - 1N4967

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N4954 DIGITRON-1N4954 Datasheet
200Kb / 3P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
JAN1N4958 MICROSEMI-JAN1N4958 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Digitron Semiconductors
1N5968 DIGITRON-1N5968 Datasheet
132Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
JANTX1N4965 MICROSEMI-JANTX1N4965 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
   5 WATT ZENER DIODES
logo
Microsemi Corporation
1N6632 MICROSEMI-1N6632 Datasheet
41Kb / 2P
   5 WATT ZENER DIODES
logo
Digitron Semiconductors
1N5333B DIGITRON-1N5333B Datasheet
161Kb / 3P
   5 WATT ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com