Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5351B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N5351B
Description  SILICON 5 WATT ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5351B Datasheet(HTML) 1 Page - Microsemi Corporation

  1N5351B Datasheet HTML 1Page - Microsemi Corporation 1N5351B Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon 5 Watt Zener Diodes
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
7-23-2003 REV B
SCOTTSD A L E DIVISION
1N5333B thru 1N5388B
DESCRIPTION
APPEARANCE
The 1N5333-5388B JEDEC registered series of axial-leaded 5.0 watt
Zeners provides voltage regulation in a selection from 3.3 to 200 volts with
different tolerances as identified by specific suffix letter on the part number.
These plastic encapsulated Zeners have moisture classification of Level 1
with no dry pack required and are also available in various military
equivalent screening levels by adding a prefix identifier as also described in
the Features section. They may be operated at high maximum dc currents
with adequate heat sinking with their comparatively low thermal resistance
design. Microsemi also offers numerous other Zener products to meet
higher and lower power applications.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• JEDEC registered 1N5333 to 1N5388B
• Zener voltage available 3.3V to 200V
• Standard voltage tolerances are plus/minus 5%
with B suffix and 10 % with A suffix identification
• Tight tolerances available in plus or minus 2% or
1% with C or D suffix respectively
• Options for screening in accordance with MIL-
PRF-19500 for JAN, JANTX, JANTXV, and
JANS are available by adding MQ, MX, MV, or
MSP prefixes respectively to part numbers.
• Surface mount equivalents available as
SMBJ5333 to SMBJ5388B, or SMBG5333B to
SMBG5388B
• Regulates voltage over a broad operating current and
temperature range
• Wide selection from 3.3 to 200 V
• Flexible axial-lead mounting terminals
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Withstands high surge stresses
• Minimal changes of voltage versus current as
specified by voltage regulation (
∆VZ)
• High specified maximum current (IZM) when
adequately heat sunk
• Moisture classification is Level 1 per IPC/JEDEC J-
STD-020B with no dry pack required
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Power dissipation at 25ºC: 5.0 watts (also see
derating in Figure 1).
• Operating and Storage temperature: -65ºC to
+150
ºC
• Thermal Resistance: 25 ºC/W junction to lead at
3/8 (10 mm) lead length from body, or 85
ºC/W
junction to ambient when mounted on FR4 PC
board (1oz Cu) with 4 mm
2 copper pads and
track width 1 mm, length 25 mm
• Steady-State Power: 5 watts at TL < 25oC 3/8
inch (10 mm) from body, or 1.47 watts at TA =
25
ºC when mounted on FR4 PC described for
thermal resistance (also see Figure 1)
• Forward voltage @1.0 A: 1.2 volts (maximum)
• Solder Temperatures: 260 ºC for 10 s (max)
• CASE: Void-free transfer molded thermosetting
epoxy body meeting UL94V-0
• TERMINALS: Leads, tin-lead plated solderable per
MIL-STD-750, method 2026
• POLARITY: Cathode indicated by band. Diode to
be operated with the banded end positive with
respect to the opposite end.
• MARKING: Part number
• TAPE & REEL option: Standard per EIA-296 (add
“TR” suffix to part number)
• WEIGHT: 0.7 grams
• See package dimensions on last page
T-18


Similar Part No. - 1N5351B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5351B MOTOROLA-1N5351B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Microsemi Corporation
1N5351B MICROSEMI-1N5351B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
ON Semiconductor
1N5351B ONSEMI-1N5351B Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
1N5351B ONSEMI-1N5351B Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
November, 2013 ??Rev. 15
logo
Pan Jit International I...
1N5351B PANJIT-1N5351B Datasheet
53Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5351B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5342D MICROSEMI-1N5342D Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
   5 WATT ZENER DIODES
logo
Microsemi Corporation
1N6632 MICROSEMI-1N6632 Datasheet
41Kb / 2P
   5 WATT ZENER DIODES
logo
Digitron Semiconductors
1N5333B DIGITRON-1N5333B Datasheet
161Kb / 3P
   5 WATT ZENER DIODES
logo
Motorola, Inc
1N5333A MOTOROLA-1N5333A Datasheet
195Kb / 4P
   5-Watt Surmetic 40 Silicon Zener Diodes
logo
Boca Semiconductor Corp...
1N5333B BOCA-1N5333B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Micro Commercial Compon...
SMBJ5333B MCC-SMBJ5333B Datasheet
1Mb / 4P
   5 Watt Surface Mount Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N5333B NJSEMI-1N5333B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com