Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44639 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44639
Description  SMA Female Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44639 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44639 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44639 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
Configuration
Connector
SMA Female
Connector Interface Type
RG8X,PE-C240,0.240 inch
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.97 [24.64]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.01 [4.54]
Connector
Type
SMA Female
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Female Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch PE44639
URL: http://www.pasternack.com/sma-female-standard-rg8x-pe-c240-0.240-connector-pe44639-p.aspx
PE44639
PE44639 REV
SMA Female Connector Crimp/Solder Attachment
For RG8X, PE-C240, 0.240 inch


Similar Part No. - PE44639

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4463 PASTERNACK-PE4463 Datasheet
117Kb / 1P
   TNC FEMALE CLAM ATTACHMENT
PE44630 PASTERNACK-PE44630 Datasheet
214Kb / 2P
   75 Ohm BNC Male Connector Crimp/Solder Attachment For Mini 59, PE-B159, High Definition
PE44631 PASTERNACK-PE44631 Datasheet
218Kb / 2P
   75 Ohm BNC Male Connector Crimp-Solder Attachment For 1505A, High Definition
PE44632 PASTERNACK-PE44632 Datasheet
216Kb / 2P
   75 Ohm BNC Male Connector Crimp/Solder Attachment For 1694A, High Definition
PE44633 PASTERNACK-PE44633 Datasheet
282Kb / 1P
   N FEMALE BULKHEAD; CLAMP ATTACHMENT FOR RG178 & RG196
More results

Similar Description - PE44639

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44637 PASTERNACK-PE44637 Datasheet
215Kb / 2P
   SMA Male Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44638 PASTERNACK-PE44638 Datasheet
231Kb / 3P
   SMA Male Right Angle Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44634 PASTERNACK-PE44634 Datasheet
214Kb / 2P
   TNC Male Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44640 PASTERNACK-PE44640 Datasheet
205Kb / 2P
   BNC Male Connector Crimp-Solder Attachment For RG8X, PE-C240, B7808A, 0.240 inch
PE44533 PASTERNACK-PE44533 Datasheet
213Kb / 2P
   N Female Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE44641 PASTERNACK-PE44641 Datasheet
294Kb / 2P
   BNC Male Right Angle Connector Crimp-Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44635 PASTERNACK-PE44635 Datasheet
218Kb / 2P
   TNC Male Right Angle Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44063 PASTERNACK-PE44063 Datasheet
310Kb / 3P
   TNC Male Connector Clamp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44521 PASTERNACK-PE44521 Datasheet
264Kb / 2P
   N Male Connector Crimp-Solder Attachment For PE-C240, 0.240 inch
PE44545 PASTERNACK-PE44545 Datasheet
281Kb / 2P
   7/16 DIN Female Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com