Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VPT36-4440 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # VPT36-4440
Description  TOROIDAL WORLD SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

VPT36-4440 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  VPT36-4440 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P O W E R
T R A N S F O R M E R
CHASSIS MOUNT :
TOROIDAL WORLD SERIES
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: August 12, 2014
VPT36-4440
Electrical Specifications (@25C)
1. Maximum Power: 160VA
2. Input Voltage: Series: 230VAC, 50/60Hz
Parallel: 115VAC, 50/60Hz
3. Output Voltage: Series: 36VAC CT @ 4.44A
Parallel: 18.0VAC @ 8.88A
4. Voltage Regulation: 8% TYP from full load to no load
5. Temperature Rise: 50°C TYP
6. Hipot: 4000VAC, Primary to Secondary
7. Efficiency: 89% TYP. @ full load
Construction:
The toroidal construction inherently helps reduce stray fields, increases efficiency
and minimizes size compared to traditional EI transformers. Built with Class B (130°)
insulation system.
Safety:
World Series Transformers are designed and manufactured to meet most
International Safety agency standards.
Agency File:
UL: File E122529, UL 506
CE: EN 61558-1:2005, EN 61558-2-6:1995, Low Voltage Directive (LVD)
EN 6-000-6-6:2001+A11:2004, EN 55014-1:2000+A1:2001+A2:2002, EN
6100-6-1:2001, EN 55014-2:1997+A1:2001, Electromagnetic Compatibility (EMC)
Dimensions (mm):
*Add 3mm to the height for mounting hardware
Weight: 1.6Kg
Mounting:
Transformer is provided with one metal mounting plate, two rubber pads,
M6 x 60mm bolt, nut, spring and flat washer.
Connections:
Transformer is provided with 8” (200mm) long, 0.25” (6mm) stripped and tinned,
stranded UL 1015 lead wire. Primaries are 22AWG, Secondaries are 18AWG.
Input
1: Series – BLUE and BROWN, Jumper GRAY to VIOLET
Parallel – BLUE and BROWN, Jumper BLUE to VIOLET, GRAY to BROWN
Output
1: Series – BLACK and YELLOW, Jumper RED to ORANGE
Parallel – BLACK and YELLOW, Jumper BLACK to ORANGE, RED to YELLOW
RoHS Compliance: As of manufacturing date February 2005, all standard products meet the
requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’ website for the
most current version.
1
Primary and secondary windings are designed to be connected in series or parallel. Windings are not
intended to be used independently.
H*
I.D.
O.D.
48.0
32.0
103.0
RUBBER
PAD
RUBBER
PAD
SPRING
WASHER
MOUNTING
METAL
PLATE
NUT
OD
H
FLAT
WASHER
BOLT
BROWN
SCHEMATIC
P
R
I
M
A
R
Y
S
E
C
O
N
D
A
R
Y
VIOLET
YELLOW
ORANGE
GRAY
BLUE
RED
BLACK
RoHS
2002/95/EC


Similar Part No. - VPT36-4440

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPT36-1390 TRIAD-VPT36-1390 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT36-2780 TRIAD-VPT36-2780 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT36-6940 TRIAD-VPT36-6940 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
More results

Similar Description - VPT36-4440

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPT18-2780 TRIAD-VPT18-2780 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT18-8800 TRIAD-VPT18-8800 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT24-1040 TRIAD-VPT24-1040 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT36-2780 TRIAD-VPT36-2780 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT48-1040 TRIAD-VPT48-1040 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT48-10400 TRIAD-VPT48-10400 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT230-220 TRIAD-VPT230-220 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT12-4170 TRIAD-VPT12-4170 Datasheet
236Kb / 1P
   TOROIDAL WORLD SERIES
VPT230-700 TRIAD-VPT230-700 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT230-2170 TRIAD-VPT230-2170 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
VPT12-8330 TRIAD-VPT12-8330 Datasheet
239Kb / 1P
   TOROIDAL WORLD SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com