Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIR83-01B-TR8 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # HIR83-01B-TR8
Description  1.6횞0.8mm Package Infrared LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR83-01B-TR8 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  HIR83-01B-TR8_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR83-01B-TR8_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR83-01B-TR8_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR83-01B-TR8_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR83-01B-TR8_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR83-01B-TR8_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR83-01B-TR8_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd HIR83-01B-TR8_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd HIR83-01B-TR8_15 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATASHEET
HIR83-01B/TR8
3
Copyright © 2010, Everlight All Rights Reserved. Release Date : JILY.09.2013. Issue No: DIR-0000059
www.everlight.com
Electro-Optical Characteristics (Ta=25℃
℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Radiant Intensity
Ie
2.0
5.0
--
mW /sr
IF=20mA
Peak Wavelength
λp
840
850
870
nm
IF=100mA
Spectral Bandwidth
Δλ
--
30
--
nm
IF=100mA
Forward Voltage
VF
--
1.4
1.7
V
IF=20mA
Reverse Current
IR
--
--
10
μA
VR=5V
Rise time
tr
--
16
--
ns
IF=20mA
Fall time
tf
--
30
--
ns
IF=20mA
View Angle
2θ1/2
--
100
--
deg
IF=20mA
--
40
--


Similar Part No. - HIR83-01B-TR8_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR83-01B-TR8 EVERLIGHT-HIR83-01B-TR8 Datasheet
248Kb / 9P
   1.6횞0.8mm Package Infrared LED
More results

Similar Description - HIR83-01B-TR8_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR83-01B-TR8 EVERLIGHT-HIR83-01B-TR8 Datasheet
248Kb / 9P
   1.6횞0.8mm Package Infrared LED
IR25-21C-TR8 EVERLIGHT-IR25-21C-TR8_15 Datasheet
209Kb / 10P
   Reverse Package Infrared LED
EAIST3216A4 EVERLIGHT-EAIST3216A4 Datasheet
392Kb / 9P
   Reverse Package Infrared LED
IR19-315C-TR8 EVERLIGHT-IR19-315C-TR8_15 Datasheet
320Kb / 9P
   0603 Package Infrared LED
IR25-21C-TR8 EVERLIGHT-IR25-21C-TR8 Datasheet
204Kb / 10P
   Reverse Package Infrared LED
IR19-315C-TR8 EVERLIGHT-IR19-315C-TR8 Datasheet
184Kb / 9P
   0603 Package Infrared LED
EAIST1708A1 EVERLIGHT-EAIST1708A1 Datasheet
590Kb / 9P
   0603 Package Infrared LED
EAIST2012A1 EVERLIGHT-EAIST2012A1 Datasheet
434Kb / 9P
   0805 Package Infrared LED
IR17-21C-TR8 EVERLIGHT-IR17-21C-TR8_15 Datasheet
308Kb / 9P
   0805 Package Infrared Chip LED
IR15-21C-TR8 EVERLIGHT-IR15-21C-TR8_15 Datasheet
236Kb / 9P
   1206 Package Chip Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com