Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAI-04070 Datasheet(PDF) 1 Page - ON Semiconductor

Part # KAI-04070
Description  INTERLINE CCD IMAGE SENSOR
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-04070 Datasheet(HTML) 1 Page - ON Semiconductor

  KAI-04070 Datasheet HTML 1Page - ON Semiconductor KAI-04070 Datasheet HTML 2Page - ON Semiconductor KAI-04070 Datasheet HTML 3Page - ON Semiconductor KAI-04070 Datasheet HTML 4Page - ON Semiconductor KAI-04070 Datasheet HTML 5Page - ON Semiconductor KAI-04070 Datasheet HTML 6Page - ON Semiconductor KAI-04070 Datasheet HTML 7Page - ON Semiconductor KAI-04070 Datasheet HTML 8Page - ON Semiconductor KAI-04070 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
© Semiconductor Components Industries, LLC, 2015
July, 2015 − Rev. 3
1
Publication Order Number:
KAI−04070/D
KAI-04070
2048 (H) x 2048 (V) Interline
CCD Image Sensor
Description
The KAI−04070 Image Sensor is a 4-megapixel CCD in a 4/3 inch
optical format. Based on the TRUESENSE 7.4 micron Interline
Transfer CCD Platform, the sensor provides very high smear rejection
and up to 82 dB linear dynamic range through the use of a unique
dual-gain amplifier. A flexible readout architecture enables use of 1, 2,
or 4 outputs for full resolution readout up to 28 frames per second,
while a vertical overflow drain structure suppresses image blooming
and enables electronic shuttering for precise exposure control.
Table 1. GENERAL SPECIFICATIONS
Parameter
Typical Value
Architecture
Interline CCD, Progressive Scan
Total Number of Pixels
2128 (H)
× 2112 (V)
Number of Effective Pixels
2080 (H)
× 2080 (V)
Number of Active Pixels
2048 (H)
× 2048 (V)
Pixel Size
7.4
mm (H) × 7.4 mm (V)
Active Image Size
15.2 mm (H)
× 15.2 mm (V),
21.4 mm (Diagonal),
4/3
″ Optical Format
Aspect Ratio
1:1
Number of Outputs
1, 2, or 4
Charge Capacity
44,000 electrons
Output Sensitivity
8.7
mV/e(Low), 33 mV/e(High)
Quantum Efficiency
Pan (−ABA, −PBA, −QBA)
R, G, B (−CBA)
R, G, B (−FBA)
52%
38%, 42%, 43%
37%, 42%, 41%
Read Noise (f = 40 MHz)
12 erms
Dark Current
Photodiode
VCCD
3 e/s
145 e/s
Dark Current Doubling Temp.
Photodiode
VCCD
7
°C
9
°C
Dynamic Range
High Gain Amp (40 MHz)
Dual Amp, 2
×2 Bin (40 MHz)
70 dB
82 dB
Charge Transfer Efficiency
0.999999
Blooming Suppression
> 1000 X
Smear
−115 dB
Image Lag
< 10 electrons
Maximum Pixel Clock Speed
40 MHz
Maximum Frame Rate
Quad Output
Dual Output
Single Output
28 fps
14 fps
8 fps
Package
68 Pin PGA
Cover Glass
AR Coated, 2 Sides
NOTE: All Parameters are specified at T = 40
°C unless otherwise noted.
Features
Superior Smear Rejection
Up to 82 dB Linear Dynamic Range
Bayer Color Pattern, TRUESENSE Sparse
Color Filter Pattern, and Monochrome
Configurations
Progressive Scan & Flexible Readout
Architecture
High Frame Rate
High Sensitivity − Low Noise Architecture
Package Pin Reserved for Device
Identification
Application
Industrial Imaging and Inspection
Traffic
Surveillance
www.onsemi.com
Figure 1. KAI−04070 Interline CCD
Image Sensor
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - KAI-04070

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-04022 ONSEMI-KAI-04022 Datasheet
535Kb / 43P
   INTERLINE CCD IMAGE SENSOR
August, 2015 ??Rev. 2
KAI-04050 ONSEMI-KAI-04050 Datasheet
3Mb / 49P
   INTERLINE CCD IMAGE SENSOR
REVISION 5.0
KAI-04050 ONSEMI-KAI-04050 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-04050-AAA-JP-AE ONSEMI-KAI-04050-AAA-JP-AE Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-04050-AAA-JP-BA ONSEMI-KAI-04050-AAA-JP-BA Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
More results

Similar Description - KAI-04070

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com