Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAI-2020-AAA-CF-AE Datasheet(PDF) 8 Page - ON Semiconductor

Part # KAI-2020-AAA-CF-AE
Description  Interline CCD Image Sensor
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2020-AAA-CF-AE Datasheet(HTML) 8 Page - ON Semiconductor

Back Button KAI-2020-AAA-CF-AE Datasheet HTML 4Page - ON Semiconductor KAI-2020-AAA-CF-AE Datasheet HTML 5Page - ON Semiconductor KAI-2020-AAA-CF-AE Datasheet HTML 6Page - ON Semiconductor KAI-2020-AAA-CF-AE Datasheet HTML 7Page - ON Semiconductor KAI-2020-AAA-CF-AE Datasheet HTML 8Page - ON Semiconductor KAI-2020-AAA-CF-AE Datasheet HTML 9Page - ON Semiconductor KAI-2020-AAA-CF-AE Datasheet HTML 10Page - ON Semiconductor KAI-2020-AAA-CF-AE Datasheet HTML 11Page - ON Semiconductor KAI-2020-AAA-CF-AE Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
KAI−2020
www.onsemi.com
8
Output
Figure 7. Output Architecture
VDD
VOUT
Floating
Diffusion
HCCD
Charge
Transfer
Source
Follower
#1
Source
Follower
#2
Source
Follower
#3
H2B
OG
R
RD
H1S
H1B
H2S
H2B
H1S
VDD
VSS
Charge packets contained in the horizontal register are
dumped pixel by pixel onto the floating diffusion (FD)
output node whose potential varies linearly with the quantity
of charge in each packet. The amount of potential charge is
determined
by
the
expression
DVFD = DQ/CFD.
A three-stage source-follower amplifier is used to buffer
this signal voltage off chip with slightly less than unity gain.
The translation from the charge domain to the voltage
domain is quantified by the output sensitivity or charge to
voltage conversion in terms of microvolts per electron
(
mV/e). After the signal has been sampled off chip, the reset
clock (R) removes the charge from the floating diffusion and
resets its potential to the reset drain voltage (RD).
When the image sensor is operated in the binned or
summed interlaced modes there will be more than 20,000 e
in the output signal. The image sensor is designed with
a30
mV/e charge to voltage conversion on the output. This
means a full signal of 20,000 electrons will produce
a 600 mV change on the output amplifier. The output
amplifier was designed to handle an output swing of 600 mV
at a pixel rate of 40 MHz. If 40,000 electron charge packets
are generated in the binned or summed interlaced modes
then the output amplifier output will have to swing
1,200 mV. The output amplifier does not have enough
bandwidth (slew rate) to handle 1,200 mV at 40 MHz.
Hence, the pixel rate will have to be reduced to 20 MHz if
the full dynamic range of 40,000 electrons is desired.
The charge handling capacity of the output amplifier is
also set by the reset clock voltage levels. The reset clock
driver circuit is very simple if an amplitude of 5 V is used.
But the 5 V amplitude restricts the output amplifier charge
capacity to 20,000 electrons. If the full dynamic range of
40,000 electrons is desired then the reset clock amplitude
will have to be increased to 7 V.
If you only want a maximum signal of 20,000 electrons in
binned or summed interlaced modes, then a 40 MHz pixel
rate with a 5 V reset clock may be used. The output of the
amplifier will be unpredictable above 20,000 electrons so be
sure to set the maximum input signal level of your analog to
digital converter to the equivalent of 20,000 electrons
(600 mV).


Similar Part No. - KAI-2020-AAA-CF-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-2020-10-40-A-EVK ONSEMI-KAI-2020-10-40-A-EVK Datasheet
865Kb / 37P
   1600 (H) x 1200 (V) Interline CCD Image Sensor
February, 2016 ??Rev. 3
KAI-2020-12-20-A-EVK ONSEMI-KAI-2020-12-20-A-EVK Datasheet
865Kb / 37P
   1600 (H) x 1200 (V) Interline CCD Image Sensor
February, 2016 ??Rev. 3
More results

Similar Description - KAI-2020-AAA-CF-AE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com