Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAF-4320-AAA-JP-B2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # KAF-4320-AAA-JP-B2
Description  Full HD Digital Image Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-4320-AAA-JP-B2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button KAF-4320-AAA-JP-B2 Datasheet HTML 7Page - ON Semiconductor KAF-4320-AAA-JP-B2 Datasheet HTML 8Page - ON Semiconductor KAF-4320-AAA-JP-B2 Datasheet HTML 9Page - ON Semiconductor KAF-4320-AAA-JP-B2 Datasheet HTML 10Page - ON Semiconductor KAF-4320-AAA-JP-B2 Datasheet HTML 11Page - ON Semiconductor KAF-4320-AAA-JP-B2 Datasheet HTML 12Page - ON Semiconductor KAF-4320-AAA-JP-B2 Datasheet HTML 13Page - ON Semiconductor KAF-4320-AAA-JP-B2 Datasheet HTML 14Page - ON Semiconductor KAF-4320-AAA-JP-B2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
KAF−4320
www.onsemi.com
11
Noise
The CCD amplifier noise floor, the CCD dark current
during readout, and other system components such as the
analog-digital converter dictate the total system noise.
CCD Amplifier
The noise contributed by the output amplifier is
determined from the amplifier’s noise power spectrum,
the system bandwidth, and any other analog processing.
Correlated double sampling is a standard analog processing
technique used with CCDs and it is assumed that it is used
for all of the rest of the calculations and results in this
document.
System Noise
The total noise will be the combination of the CCD noise
and the noise contributed by other components in the
processing circuitry. The total noise, dominated by the CCD
and the A/D converter is also shown in Figure 11.
The measured vales were obtained using a system that
employed Datel 16 bit analog to digital converters,
the ADS931 and ADS933. The system noise obtained
matched the Datel specifications exactly and was similar
and slightly lower than the CCD noise contribution.
The table below shows the results and good agreement
between the expected and measured results for the CCD
alone and the CCD in the system at 1 MHz and 3 MHz.
The values in the table are in electrons referred to the CCD
amplifier input.
Table 6.
Frequency
CCD Measured
Noise
CCD + System Datel
ADS93x Measured
1.00E+06
12
16.2
3.00E+06
17.3
22.6
Temperature Dependance of the Noise Floor
The temperature dependence of the noise floor is dictated
primarily by the dark current generated during the readout
time for the CCD. Figure 12 and Figure 13 show the
expected dynamic range as a function of temperature for two
pixel rates, 3 MHz and 1 MHz. The dynamic range was
calculated using the measured amplifier and system noise
values, the expected dark current performance, and the
saturation signal. At 25
°C, the dark current shot noise can
contribute from 12 to 50 electrons and dominate the noise
floor. The maximum dynamic range can be achieved at
temperatures < −10
°C for these read out frequencies.


Similar Part No. - KAF-4320-AAA-JP-B2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-4301-AAA-JP-AE ONSEMI-KAF-4301-AAA-JP-AE Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-4301-AAA-JP-B1 ONSEMI-KAF-4301-AAA-JP-B1 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-4301-AAA-JP-B2 ONSEMI-KAF-4301-AAA-JP-B2 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
More results

Similar Description - KAF-4320-AAA-JP-B2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0230 ONSEMI-AR0230 Datasheet
959Kb / 36P
   Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
AR0331 ONSEMI-AR0331 Datasheet
2Mb / 72P
   Full HD Digital Image Sensor
Rev. L Pub. 5/15 EN
AR023Z ONSEMI-AR023Z Datasheet
948Kb / 35P
   Mp/Full HD Digital Image Sensor
Rev. 0, Pub. 9/15 EN
AR0238 ONSEMI-AR0238 Datasheet
288Kb / 26P
   2.1 Mp/Full HD Digital Image Sensor
October, 2017 ??Rev. 5
AR0237 ONSEMI-AR0237 Datasheet
803Kb / 34P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 3, 3/16 EN
AR0237CS ONSEMI-AR0237CS Datasheet
921Kb / 38P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 4, 6/16 EN
AR0230CS ONSEMI-AR0230CS Datasheet
864Kb / 33P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 9, 6/16 EN
AR023ZM ONSEMI-AR023ZM Datasheet
810Kb / 35P
   1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Rev. 1 Pub. 8/15 EN
AR0230CS ONSEMI-AR0230CS_17 Datasheet
181Kb / 24P
   1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
AS260 ONSEMI-AS260 Datasheet
1Mb / 45P
   High-Definition (HD) Digital Image Sensor
Rev. G Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com