Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

523-2UYD-S530-A3 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 523-2UYD-S530-A3
Description  LAMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

523-2UYD-S530-A3 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  523-2UYD-S530-A3_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 523-2UYD-S530-A3_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 523-2UYD-S530-A3_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 523-2UYD-S530-A3_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 523-2UYD-S530-A3_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 523-2UYD-S530-A3_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 523-2UYD-S530-A3_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 523-2UYD-S530-A3_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DATASHEET
LAMP
523-2UYD/S530-A3
4
Copyright © 2010, Everlight All Rights Reserved. Release Date : Jul.07. 2014. Issue No: DLE-0006820_Rev.2
www.everlight.com
Package Dimension
Note: Note:
1. All dimensions are in millimeters
2. The height of flange must be less than 1.5mm(0.059").
3. Without special declared, the tolerance is ±0.25mm.


Similar Part No. - 523-2UYD-S530-A3_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
523-2UYD-S530-A3 EVERLIGHT-523-2UYD-S530-A3 Datasheet
140Kb / 7P
   2.0*5.0MM RECTANGLE TYPE LED LAMPS
More results

Similar Description - 523-2UYD-S530-A3_15

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M309319 E-SWITCH-M309319 Datasheet
177Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309337 E-SWITCH-M309337 Datasheet
151Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309314 E-SWITCH-M309314 Datasheet
246Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309332 E-SWITCH-M309332 Datasheet
177Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309329 E-SWITCH-M309329 Datasheet
169Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309336 E-SWITCH-M309336 Datasheet
141Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309315 E-SWITCH-M309315 Datasheet
65Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309331 E-SWITCH-M309331 Datasheet
61Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309333 E-SWITCH-M309333 Datasheet
138Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309334 E-SWITCH-M309334 Datasheet
183Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309338 E-SWITCH-M309338 Datasheet
154Kb / 1P
   LAMP VOLTAGE: NO LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com