Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KVR16LE11-8KF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KVR16LE11-8KF
Description  8GB 2Rx8 1G x 72-Bit PC3L-12800
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KVR16LE11-8KF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KVR16LE11-8KF Datasheet HTML 1Page - List of Unclassifed Manufacturers KVR16LE11-8KF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KVR16LE11/8KF
8GB 2Rx8 1G x 72-Bit PC3L-12800
CL11 240-Pin ECC DIMM
DESCRIPTION
This document describes ValueRAM's 1G x 72-bit (8GB)
DDR3L-1600 CL11 SDRAM (Synchronous DRAM), 2Rx8, ECC,
low voltage, memory module, based on eighteen 512M x 8-bit
FBGA components. The SPD is programmed to JEDEC stan-
dard latency DDR3-1600 timing of 11-11-11 at 1.35V or 1.5V.
This 240-pin DIMM uses gold contact fingers. The electrical
and mechanical specifications are as follows:
FEATURES
JEDEC standard 1.35V (1.28V ~ 1.45V) and 1.5V (1.425V ~
1.575V) Power Supply
VDDQ = 1.35V (1.28V ~ 1.45V) and 1.5V (1.425V ~ 1.575V)
800MHz fCK for 1600Mb/sec/pin
8 independent internal bank
Programmable CAS Latency: 11, 10, 9, 8, 7, 6
Programmable Additive Latency: 0, CL - 2, or CL - 1 clock
8-bit pre-fetch
Burst Length: 8 (Interleave without any limit, sequential with
starting address “000” only), 4 with tCCD = 4 which does not
allow seamless read or write [either on the fly using A12 or
MRS]
Bi-directional Differential Data Strobe
Thermal Sensor Grade B
Internal(self) calibration : Internal self calibration through ZQ
pin (RZQ : 240 ohm ± 1%)
On Die Termination using ODT pin
Average Refresh Period 7.8us at lower than TCASE 85°C,
3.9us at 85°C < TCASE < 95°C
Asynchronous Reset
PCB: Height 1.18” (30mm), double sided component
Document No. VALUERAM1375-001.B00
12/03/13
Page 1
Memory Module Specifications
Continued >>
SPECIFICATIONS
CL(IDD)
11 cycles
Row Cycle Time (tRCmin)
48.125ns (min.)
Refresh to Active/Refresh
260ns (min.)
Command Time (tRFCmin)
Row Active Time (tRASmin)
35ns (min.)
Maximum Operating Power
(1.35V) = 2.041 W*
UL Rating
94 V - 0
Operating Temperature
0o C to 85o C
Storage Temperature
-55o C to +100o C
*Power will vary depending on the SDRAM.
SDRAM SUPPORTED
Kingston (F-Die)


Similar Part No. - KVR16LE11-8KF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KVR16LE11-8 ETC2-KVR16LE11-8 Datasheet
221Kb / 2P
   8GB 2Rx8 1G x 72-Bit PC3L-12800
KVR16LE11-8HB ETC2-KVR16LE11-8HB Datasheet
171Kb / 2P
   8GB 2Rx8 1G x 72-Bit PC3L-12800
KVR16LE11-8I ETC2-KVR16LE11-8I Datasheet
221Kb / 2P
   8GB 2Rx8 1G x 72-Bit PC3L-12800
More results

Similar Description - KVR16LE11-8KF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KVR16LE11L-8 ETC2-KVR16LE11L-8 Datasheet
157Kb / 2P
   8GB 2Rx8 1G x 72-Bit PC3L-12800
KVR16LR11D8-8I ETC2-KVR16LR11D8-8I Datasheet
124Kb / 2P
   8GB 2Rx8 1G x 72-Bit PC3L-12800
KVR16LSE11-8 ETC2-KVR16LSE11-8 Datasheet
238Kb / 2P
   8GB 2Rx8 1G x 72-Bit PC3L-12800
KVR16LSE11-8HB ETC2-KVR16LSE11-8HB Datasheet
158Kb / 2P
   8GB 2Rx8 1G x 72-Bit PC3L-12800
KVR16LR11D8-8 ETC2-KVR16LR11D8-8 Datasheet
151Kb / 2P
   8GB 2Rx8 1G x 72-Bit PC3L-12800
KVR16LSE11-8KF ETC2-KVR16LSE11-8KF Datasheet
238Kb / 2P
   8GB 2Rx8 1G x 72-Bit PC3L-12800
KVR16LE11-8 ETC2-KVR16LE11-8 Datasheet
221Kb / 2P
   8GB 2Rx8 1G x 72-Bit PC3L-12800
KVR16LE11-8HB ETC2-KVR16LE11-8HB Datasheet
171Kb / 2P
   8GB 2Rx8 1G x 72-Bit PC3L-12800
KVR16LE11-8I ETC2-KVR16LE11-8I Datasheet
221Kb / 2P
   8GB 2Rx8 1G x 72-Bit PC3L-12800
KVR16LR11D8-8HB ETC2-KVR16LR11D8-8HB Datasheet
116Kb / 2P
   8GB 2Rx8 1G x 72-Bit PC3L-12800
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com