Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9337 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L9337
Description  Infrared LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L9337 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L9337_15 Datasheet HTML 1Page - Hamamatsu Corporation L9337_15 Datasheet HTML 2Page - Hamamatsu Corporation L9337_15 Datasheet HTML 3Page - Hamamatsu Corporation L9337_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Infrared LED
L9337 series
High power LED for optical switches
www.hamamatsu.com
The L9337 series is an infrared LED developed for optical switches. Because a high-power LED chip is mounted, the L9337
series provides higher radiant output power than previous devices, moreover it is available at a low cost due to the improved
manufacturing process. The L9337-01/-02 use a high reliability package making them suitable for automobile applications.
High radiant output power
Automobiles
High reliability
Optical switches
Low price
Features
Applications
Absolute maximum ratings (Ta=25 °C, unless otherwise noted)
Parameter
Symbol
Condition
Value
Unit
Reverse voltage
VR
5V
Forward current
IF
80
mA
Forward current decrease rate
-
Ta > 25 °C
1.1
mA/°C
Pulse forward current
IFP
Pulse width=10 μs
Duty ratio=1%
1.0
A
Pulse forward current
decrease rate
-
Ta > 25 °C
13
mA/°C
Power dissipation
P
150
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-40 to +100*1
°C
*
1: The L9337 is guaranteed to resist temperature cycle test of up to 5 cycles.
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Electrical and optical characteristics (Ta=25 °C)
Parameter
Symbol
Condition
L9337
L9337-01
L9337-02
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Peak emission wavelength
λp
IF=50 mA
840 870 900 840 870 900 840 870 900
nm
Spectral half width
Δλ
IF=50 mA
-45-
-45-
-45-
nm
Forward voltage
VF
IF=50 mA
-
1.42 1.5
-
1.42 1.5
-
1.42 1.5
V
Pulse forward voltage
VFP
IF=1 A
-
2.7
3.4
-
2.7
3.4
-
2.7
3.4
V
Reverse current
IR
VR=5 V
-
-5-
-5-
-5
μA
Radiant flux
φe
IF=50 mA
18
23-10
13-
7.5
10-
mW
Cut-off frequency*2
fc
IF=50 mA ± 4 mAp-p
25
40-25
40-25
40-
MHz
*
2: Frequency at which the optical output drops by -3 dB from that at 100 kHz.


Similar Part No. - L9337_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9337MD STMICROELECTRONICS-L9337MD Datasheet
55Kb / 8P
   TRIPLE LOW SIDE DRIVER
More results

Similar Description - L9337_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
   Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
   Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
   Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
   Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
   Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
   Infrared LED
logo
Marktech Corporate
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
   Infrared LED
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
   INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
   INFRARED LED?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com