Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76201-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS76201-Q1
Description  Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76201-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS76201-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS76201-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS76201-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS76201-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS76201-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS76201-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS76201-Q1_15 Datasheet HTML 13Page - Texas Instruments TPS76201-Q1_15 Datasheet HTML 14Page - Texas Instruments TPS76201-Q1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
P = (V
V
)
I
D
IN
OUT
OUT
-
×
TPS76201-Q1
www.ti.com
SLVSAO7 – DECEMBER 2010
The regulator dissipation is calculated using Equation 4:
(4)
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation triggers the thermal
protection circuit.
Regulator Protection
The TPS76201-Q1 PMOS-pass transistor has a built-in back diode that conducts reverse current when the input
voltage drops below the output voltage (for example, during power down). Current is conducted from the output
to the input and is not internally limited. If extended reverse voltage operation is anticipated, external limiting
might be appropriate.
The TPS76201-Q1 features internal current limiting and thermal protection. During normal operation, the
TPS76201-Q1 limits output current to approximately 350 mA. When current limiting engages, the output voltage
scales back linearly until the overcurrent condition ends. While current limiting is designed to prevent gross
device failure, care should be taken not to exceed the power dissipation ratings of the package. If the
temperature of the device exceeds approximately +165°C, thermal protection circuitry shuts it down. Once the
device has cooled to below approximately +140°C, regulator operation resumes.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS76201-Q1


Similar Part No. - TPS76201-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
597Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results

Similar Description - TPS76201-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76201DBVTG4 TI1-TPS76201DBVTG4 Datasheet
580Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201 TI1-TPS76201_17 Datasheet
597Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
logo
Analog Devices
ADP3331 AD-ADP3331_15 Datasheet
336Kb / 9P
   Adjustable Output Ultralow Low Dropout Regulator
REV. B
logo
Texas Instruments
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com