Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L11798 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L11798
Description  H2D2 LIGHT SOURCE UNIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L11798 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L11798_15 Datasheet HTML 1Page - Hamamatsu Corporation L11798_15 Datasheet HTML 2Page - Hamamatsu Corporation L11798_15 Datasheet HTML 3Page - Hamamatsu Corporation L11798_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OVERVIEW
BRIGHTNESS DISTRIBUTION
APPLICATIONS
GSemiconductor inspection
GFilm thickness measurement
GElectrostatic remover
GSpectrophotometry
GEnvironmental measurement
GOptical component inspection
FEATURES
H2D2 LIGHT SOURCE UNIT
L11798/-01, L11799/-01
VUV
LIGHT
SOURCE
TLS B0007EC
DISTANCE FROM APERTURE CENTER (mm)
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
0
50
100
150
200
250
300
350
400
450
500
550
600
650
High
brightness
×6
High
brightness
×6
H2D2 lamp
Conventional model
X2D2 lamp
L2D2 lamp ( 0.5 mm)
Left: Light source, Right: Power supply
TLSZF0047
The H2D2 light source unit contains a high-brightness,
high-end deuterium lamp (H2D2 lamp) that emits light
at a brightness 6 times higher than our current deuteri-
um lamps (L2D2 lamps). Despite its high brightness,
the H2D2 is highly stable, has a long service life, and
allows air-cooled operation by a specially designed
housing. This feature makes it much more convenient
and easy to use than ordinary water-cooled lamps.
The H2D2 can be used in various applications and en-
hances equipment sensitivity and throughput.
GHigh brightness: 6 times
(compared to conventional model)
GHigh stability: Fluctuation 0.05 %p-p (Max.)
Drift
±0.3 %h (Max.)
GLong Life: Warranty of 1000 hours
GAir cooling (needs no cooling water)
GExternal control
GReplaceable lamp


Similar Part No. - L11798_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L11754 HAMAMATSU-L11754_15 Datasheet
158Kb / 2P
   HIGH POWER PHOTOIONIZER
L11767 HAMAMATSU-L11767_15 Datasheet
188Kb / 4P
   High output power red emitting diode
logo
Kingbright Corporation
L117EGW KINGBRIGHT-L117EGW Datasheet
114Kb / 4P
   2x5mm BI-COLOR RECTANGULAR LED LAMPS
L117EYW KINGBRIGHT-L117EYW Datasheet
114Kb / 4P
   2x5mm BI-COLOR RECTANGULAR LED LAMPS
L117GYW KINGBRIGHT-L117GYW Datasheet
114Kb / 4P
   2x5mm BI-COLOR RECTANGULAR LED LAMPS
More results

Similar Description - L11798_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L10706 HAMAMATSU-L10706_15 Datasheet
203Kb / 2P
   S2D2 VUV LIGHT SOURCE UNIT
L8998 HAMAMATSU-L8998 Datasheet
387Kb / 4P
   AIR-COOLED VUV LIGHT SOURCE UNIT
L10366 HAMAMATSU-L10366_15 Datasheet
342Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
L10366 HAMAMATSU-L10366 Datasheet
273Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
IET Labs Inc.
1539 IET-1539 Datasheet
124Kb / 2P
   Stroboslave Light Source
logo
Lumileds Lighting Compa...
LXCL-PWF4 LUMILEDS-LXCL-PWF4 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EL05 LUMILEDS-LXCL-EL05 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EW06 LUMILEDS-LXCL-EW06 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EYW4 LUMILEDS-LXCL-EYW4 Datasheet
1Mb / 18P
   Power Light Source
LXCL-LW07 LUMILEDS-LXCL-LW07 Datasheet
1Mb / 17P
   Power Light Source
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com