Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L12170 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L12170
Description  Infrared LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L12170 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L12170_15 Datasheet HTML 1Page - Hamamatsu Corporation L12170_15 Datasheet HTML 2Page - Hamamatsu Corporation L12170_15 Datasheet HTML 3Page - Hamamatsu Corporation L12170_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Infrared LED
L12170
Emission spectrum
Forward current vs. forward voltage
Radiant flux vs. forward current
Radiant flux vs. pulse forward current
700
800
900
1000
0
40
20
60
80
100
(Typ. Ta=25 °C, IF=200 mA)
Wavelength (nm)
0
0.5
1.0
1.5
2.0
0
100
50
300
200
150
250
Forward voltage (V)
(Typ. Ta=25 °C)
Forward current (mA)
(Typ. Ta=25 °C)
100
150
250
050
0
40
60
20
120
100
80
200
300
Pulse forward current (mA)
(Typ. Ta=25 °C, tw=10 μs, 0.1%)
100
1000
10
1
10
100
10000
1000
10000
KLEDB0372EB
KLEDB0374EB
KLEDB0373EB
KLEDB0379EC
2


Similar Part No. - L12170_15

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
L1210A101K LEIDITECH-L1210A101K Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
L1210A121K LEIDITECH-L1210A121K Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
L1210A151K LEIDITECH-L1210A151K Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
L1210A270K LEIDITECH-L1210A270K Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
L1210A300K LEIDITECH-L1210A300K Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
More results

Similar Description - L12170_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
   Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
   Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
   Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
   Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
   Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
   Infrared LED
logo
Marktech Corporate
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
   Infrared LED
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
   INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
   INFRARED LED?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com