Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72501 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS72501
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72501 Datasheet(HTML) 5 Page - Texas Instruments

  TPS72501_15 Datasheet HTML 1Page - Texas Instruments TPS72501_15 Datasheet HTML 2Page - Texas Instruments TPS72501_15 Datasheet HTML 3Page - Texas Instruments TPS72501_15 Datasheet HTML 4Page - Texas Instruments TPS72501_15 Datasheet HTML 5Page - Texas Instruments TPS72501_15 Datasheet HTML 6Page - Texas Instruments TPS72501_15 Datasheet HTML 7Page - Texas Instruments TPS72501_15 Datasheet HTML 8Page - Texas Instruments TPS72501_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TPS72501
OUT
IN
FB
GND
EN
Vref
Current
Limit/Thermal
Protection
1.220
TPS72515/16/18/25
OUT
IN
GND
EN
Vref
Current
Limit/Thermal
Protection
0.93
× Vref
Deglitch
and
Delay
RESET
1.220
TPS72501
TPS72515, TPS72516
TPS72518, TPS72525
www.ti.com
SLVS341E – MAY 2002 – REVISED JUNE 2010
FUNCTIONAL BLOCK DIAGRAM—ADJUSTABLE VERSION
FUNCTIONAL BLOCK DIAGRAM—FIXED VERSION
TERMINAL FUNCTIONS
TERMINAL
NO.D
I/O
DESCRIPTION
NO.
NAME
CQ &
D
KTT
ENABLE
5
1
I
Enable input
FB
2
Feedback
GND
3, 6, 7
3
Ground
IN
8
2
I
Input supply voltage
RESET/FB
5
O/I
This terminal is the feedback point for the adjustable option TPS72501. For all other options, this
terminal is the RESET output terminal. When used with a pullup resistor, this open-drain output
provides the active low RESET signal when the regulator output voltage drops more than 5% below
its nominal output voltage. The RESET delay time is typically 50 ms.
NC
4
No connection
OUT
1
4
O
Regulated output voltage
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS72501 TPS72515 TPS72516 TPS72518 TPS72525


Similar Part No. - TPS72501_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72501 TI1-TPS72501_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results

Similar Description - TPS72501_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS726126 TI-TPS726126 Datasheet
445Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_07 Datasheet
716Kb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI1-TPS72501_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126 TI1-TPS726126_16 Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72616DCQRG4 TI-TPS72616DCQRG4 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501 Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com