Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS70145 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS70145
Description  Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70145 Datasheet(HTML) 3 Page - Texas Instruments

  TPS70145_15 Datasheet HTML 1Page - Texas Instruments TPS70145_15 Datasheet HTML 2Page - Texas Instruments TPS70145_15 Datasheet HTML 3Page - Texas Instruments TPS70145_15 Datasheet HTML 4Page - Texas Instruments TPS70145_15 Datasheet HTML 5Page - Texas Instruments TPS70145_15 Datasheet HTML 6Page - Texas Instruments TPS70145_15 Datasheet HTML 7Page - Texas Instruments TPS70145_15 Datasheet HTML 8Page - Texas Instruments TPS70145_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
TPS70145, TPS70148
TPS70151, TPS70158
TPS70102
www.ti.com
SLVS222I – DECEMBER 1999 – REVISED AUGUST 2010
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
VOLTAGE (V)(2)
PACKAGE-
SPECIFIED
LEAD
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
VOUT1
VOUT2
(DESIGNATOR)
RANGE (TJ)
NUMBER
MEDIA, QUANTITY
TPS70102PWP
Tube, 70
TPS70102
Adjustable
Adjustable
HTSSOP-20 (PWP)
-40°C to +125°C
TPS70102PWPR
Tape and Reel, 2000
TPS70145PWP
Tube, 70
TPS70145
3.3 V
1.2 V
HTSSOP-20 (PWP)
-40°C to +125°C
TPS70145PWPR
Tape and Reel, 2000
TPS70148PWP
Tube, 70
TPS70148
3.3 V
1.5 V
HTSSOP-20 (PWP)
-40°C to +125°C
TPS70148PWPR
Tape and Reel, 2000
TPS70151PWP
Tube, 70
TPS70151
3.3 V
1.8 V
HTSSOP-20 (PWP)
-40°C to +125°C
TPS70151PWPR
Tape and Reel, 2000
TPS70158PWP
Tube, 70
TPS70158
3.3 V
2.5 V
HTSSOP-20 (PWP)
-40°C to +125°C
TPS70158PWPR
Tape and Reel, 2000
(1)
For the most current package and ordering information see the Package Option Addendum located at the end of this document, or see
the TI web site at www.ti.com.
(2)
For fixed 1.20V operation, tie FB to OUT.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
TPS701xx
UNIT
Input voltage range: VIN1, VIN2
(2)
–0.3 to +7
V
Voltage range at EN
–0.3 to +7
V
Output voltage range (VOUT1, VSENSE1)
5.5
V
Output voltage range (VOUT2, VSENSE2)
5.5
V
Maximum RESET, PG1 voltage
7
V
Maximum MR1, MR2, and SEQ voltage
VIN1
V
Peak output current
Internally limited
Continuous total power dissipation
See Thermal Information Table
Junction temperature range, TJ
–40 to +150
°C
Storage temperature range, Tstg
–65 to +150
°C
ESD rating, HBM
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are tied to network ground.
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS70145_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results

Similar Description - TPS70145_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS701XX TI1-TPS701XX Datasheet
563Kb / 34P
[Old version datasheet]   Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70345-EP TI1-TPS70345-EP Datasheet
937Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70358M TI1-TPS70358M Datasheet
837Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com