Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65400 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65400
Description  TPS65400 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65400 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65400 Datasheet HTML 1Page - Texas Instruments TPS65400 Datasheet HTML 2Page - Texas Instruments TPS65400 Datasheet HTML 3Page - Texas Instruments TPS65400 Datasheet HTML 4Page - Texas Instruments TPS65400 Datasheet HTML 5Page - Texas Instruments TPS65400 Datasheet HTML 6Page - Texas Instruments TPS65400 Datasheet HTML 7Page - Texas Instruments TPS65400 Datasheet HTML 8Page - Texas Instruments TPS65400 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
CB1
SW1
SW1
SW1
PVIN1
PVIN2
PGND1
PGND2
SW2
SW2
SW2
CB2
COMP4
VFB4
ENSW4
CB4
SW4
PVIN4
PVIN3
SW3
CB3
ENSW3
VFB3
COMP3
PGND(thermal pad)
TPS65400
www.ti.com
SLVSCQ9B – NOVEMBER 2014 – REVISED SEPTEMBER 2015
5 Description (continued)
TPS65400 implements a PMBus-I2C-compatible digital interface. It helps Core Chip optimize system
performance by runtime changing regulated voltage, power sequence, phase interleaving, operating frequency,
read back operating status, and so forth.
The TPS65400 consists of four high-current buck switching regulators (SW1, SW2, SW3, and SW4) with
integrated FETs. The switching power supplies are intended for powering high-current digital circuits such as the
processor, FPGA, ASIC, memory, and digital I/Os. SW1 and SW2 support 4 A each, and SW3 and SW4 support
2 A each. Each regulator’s switching frequency is independently adjustable up to 2.2 MHz.
Current limit programmability on each switcher enables optimization of inductor ratings for a particular application
configuration not requiring the maximum current capability.
The TPS65400 can be powered from a single-input voltage rail between 4.5 and 18 V, making it suitable for
applications running off a 5- or 12-V intermediate power distribution bus.
Sequencing requirements can be met using the individual enable terminals or by programming the sequence
through the I2C bus into the onboard EEPROM. Output voltages can be set through external resistor networks
and VREF can be programmed from 0.6 to 1.87 V in 10-mV steps. All control and status info can be accessed
through a PMBus-compatible I2C bus.
The TPS65400 provides a high level of flexibility for monitoring and control through the I2C bus while providing
the option of programmability through the use of external components and voltage levels for systems not using
I2C.
6 Pin Configuration and Functions
RGZ Package
48-Pin VQFN
Top View
A.
Thermal pad must be soldered to PCB as SW3 and SW4 power ground
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65400


Similar Part No. - TPS65400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65400 TI-TPS65400 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400-Q1 TI-TPS65400-Q1 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400-Q1 TI-TPS65400-Q1_15 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400QRGZRQ1 TI-TPS65400QRGZRQ1 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65400QRGZTQ1 TI-TPS65400QRGZTQ1 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
More results

Similar Description - TPS65400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65400-Q1 TI-TPS65400-Q1_15 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
logo
Infineon Technologies A...
IRPS5401 INFINEON-IRPS5401 Datasheet
1Mb / 62P
   Flexible Power Management Unit
V 2.8 2022-07-06
logo
Texas Instruments
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
logo
Vishay Siliconix
SIC450 VISHAY-SIC450_V01 Datasheet
1Mb / 48P
   4.5 V to 20 V Input, 15 A, 25 A, 40 A microBuck짰 DC/DC Converter With PMBus Interface
01-Jan-2022
logo
Texas Instruments
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
   Flexible Lighting Management Unit
logo
Texas Instruments
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com