Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65286RHDT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65286RHDT
Description  TPS65286 Dual Power Distribution Switches With 4.5-V to 28-V Input Voltage, 6-A Output Current Synchronous Buck Regulator
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65286RHDT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65286RHDT Datasheet HTML 6Page - Texas Instruments TPS65286RHDT Datasheet HTML 7Page - Texas Instruments TPS65286RHDT Datasheet HTML 8Page - Texas Instruments TPS65286RHDT Datasheet HTML 9Page - Texas Instruments TPS65286RHDT Datasheet HTML 10Page - Texas Instruments TPS65286RHDT Datasheet HTML 11Page - Texas Instruments TPS65286RHDT Datasheet HTML 12Page - Texas Instruments TPS65286RHDT Datasheet HTML 13Page - Texas Instruments TPS65286RHDT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
4.90
4.95
5.00
5.05
5.10
5.15
5.20
6
8
10
12
14
16
18
20
22
24
26
28
VIN (V)
Forced PWM 6A
Auto PSM-PWM 0A
Forced PWM 0A
C013
2.50
2.52
2.54
2.56
2.58
2.60
6
8
10
12
14
16
18
20
22
24
26
28
VIN (V)
Forced PWM 0A
Forced PWM 6A
Auto PSM-PWM 0A
C014
5.050
5.055
5.060
5.065
5.070
5.075
5.080
5.085
5.090
5.095
5.100
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
Loading (A)
Auto PWM-PSM
Forced PWM
C018
2.530
2.535
2.540
2.545
2.550
2.555
2.560
2.565
2.570
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
Loading (A)
Auto PWM-PSM
Forced PWM
C017
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
Loading (A)
Forced PWM
Auto PSM-PWM
C019
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
Loading (A)
Auto PSM-PWM
Forced PWM
C003
TPS65286
SLVSCG1 – MARCH 2014
www.ti.com
7.6 Typical Characteristics
TA = 25°C, VIN = 24 V, VOUT = 5 V, fSW = 500 kHz, RnFAULT = 100 kΩ (unless otherwise noted)
Figure 4. Buck Efficiency, VOUT = 5 V
Figure 5. Buck Efficiency, VOUT = 2.5 V
Figure 6. Buck Line Regulation, VOUT = 5 V
Figure 7. Buck Line Regulation, VOUT = 2.5 V
Figure 8. Buck Load Regulation, VOUT = 5 V
Figure 9. Buck Load Regulation, VOUT = 2.5 V
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS65286


Similar Part No. - TPS65286RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65280 TI1-TPS65280 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280RGER TI1-TPS65280RGER Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280RGET TI1-TPS65280RGET Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65281 TI-TPS65281 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - TPS65286RHDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65282 TI-TPS65282 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCHES WITH 4.5-V to 18-V INPUT VOLTAGE, 4-A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS54200 TI1-TPS54200_17 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
TPS54200 TI1-TPS54200 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com