Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65266 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS65266
Description  TPS65266 2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65266 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65266_15 Datasheet HTML 2Page - Texas Instruments TPS65266_15 Datasheet HTML 3Page - Texas Instruments TPS65266_15 Datasheet HTML 4Page - Texas Instruments TPS65266_15 Datasheet HTML 5Page - Texas Instruments TPS65266_15 Datasheet HTML 6Page - Texas Instruments TPS65266_15 Datasheet HTML 7Page - Texas Instruments TPS65266_15 Datasheet HTML 8Page - Texas Instruments TPS65266_15 Datasheet HTML 9Page - Texas Instruments TPS65266_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
TPS65266
SLVSCT9B – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
6.5 Electrical Characteristics
TA = 25°C, VIN = 5 V, FSW = 1 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY VOLTAGE
VIN
Input voltage range
2.7
6.5
V
VIN rising
2.35
2.45
2.6
V
UVLO
VIN undervoltage lockout
VIN falling
2.15
2.25
2.35
V
Hysteresis
200
mV
IDDSDN
Shutdown supply current
EN1 = EN2 = EN3 = 0 V
9
µA
EN1 = EN2 = EN3 = 5 V,
IDDQ_NSW
790
µA
FB1 = FB2 = FB3 = 0.8 V
EN1 = 5 V, EN2 = EN3 = 0 V,
IDDQ_NSW1
340
µA
FB1 = 0.8 V
Input quiescent current without
buck1/2/3 switching
EN2 = 5 V, EN1 = EN3 = 0 V,
IDDQ_NSW2
340
µA
FB2 = 0.8 V
EN3 = 5 V, EN1 = EN2 = 0 V,
IDDQ_NSW3
340
µA
FB3 = 0.8 V
BUCK1, BUCK2, BUCK3
VFB
Feedback voltage
VCOMP = 1.2 V
0.594
0.6
0.606
V
VENXH
EN1/2/3 high-level input voltage
1.2
1.26
V
VENXL
EN1/2/3 low-level input voltage
1.1
1.15
V
IENX1
EN1/2/3 pullup current
ENx = 1 V
1.8
2.1
2.4
µA
IENX2
EN1/2/3 pullup current
ENx = 1.3 V
5.3
µA
IENhys
Hysteresis current
3.2
µA
ISSX
Soft-start charging current
4.5
5.5
6.5
µA
tON_MIN
Minimum on-time
80
100
ns
Gm_EA
Error amplifier transconductance
–2 µA < ICOMPX < 2 µA
290
µS
COMP1/2/3 voltage to inductor current
Gm_PS1/2/3
ILX = 0.5 A
10
A/V
Gm
(1)
ILIMIT1
Buck1 peak inductor current limit
3.9
4.6
5.3
A
ILIMITSINK1
Buck1 low-side sink current limit
1.4
ILIMIT2/3
Buck2/3 peak inductor current limit
2.5
3.1
3.7
A
ILIMITSINK2/3
Buck2/3 low-side sink current limit
1.2
A
Rdson_HS1
Buck1 high-side switch resistance
VINQ = 5 V
45
m
Rdson_LS1
Buck1 low-side switch resistance
VINQ = 5 V
50
m
Rdson_HS2
Buck2 high-side switch resistance
VINQ = 5 V
60
m
Rdson_LS2
Buck2 low-side switch resistance
VINQ = 5 V
60
m
Rdson_HS3
Buck3 high-side switch resistance
VINQ = 5 V
60
m
Rdson_LS3
Buck3 low-side switch resistance
VINQ = 5 V
60
m
HICCUP TIMING
tHiccup_wait
Overcurrent wait time(1)
512
cycles
tHiccup_re
Hiccup time before restart(1)
16382
cycles
POWER GOOD
FBx undervoltage falling
92.5
%VREF
Vth_PG
Feedback voltage threshold
FBx undervoltage rising
95
%VREF
tDEGLITCH(PG)_F
PGOOD falling edge deglitch time
128
cycles
tRDEGLITCH(PG)_R
PGOOD rising edge deglitch time
16350
cycles
IPG
PGOOD pin leakage
1
µA
VLOW_PG
PGOOD pin low voltage
ISINK = 1 mA
0.4
V
(1)
Lab validation result
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS65266


Similar Part No. - TPS65266_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1RHBR TI1-TPS65266-1RHBR Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1RHBT TI1-TPS65266-1RHBT Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1RTQR TI1-TPS65266-1RTQR Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
More results

Similar Description - TPS65266_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65266 TI1-TPS65266_16 Datasheet
2Mb / 41P
[Old version datasheet]   2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1 TI1-TPS65266-1_16 Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65268-Q1 TI1-TPS65268-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   4-V to 8-V, 3-A, 2-A, 2-A Triple Synchronous Step-Down Converter
TPS65263 TI1-TPS65263_16 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-1Q1 TI1-TPS65263-1Q1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263 TI-TPS65263_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65263, 4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-Q1 TI-TPS65263-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS65263-Q1 4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54625PWP TI-TPS54625PWP Datasheet
1,015Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com