Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65251-2 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65251-2
Description  TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65251-2 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65251-2 Datasheet HTML 1Page - Texas Instruments TPS65251-2 Datasheet HTML 2Page - Texas Instruments TPS65251-2 Datasheet HTML 3Page - Texas Instruments TPS65251-2 Datasheet HTML 4Page - Texas Instruments TPS65251-2 Datasheet HTML 5Page - Texas Instruments TPS65251-2 Datasheet HTML 6Page - Texas Instruments TPS65251-2 Datasheet HTML 7Page - Texas Instruments TPS65251-2 Datasheet HTML 8Page - Texas Instruments TPS65251-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
QFN RHA40
(power pad connected to ground)
VIN3
LX3
LX3
VIN
LX2
LX1
LX1
1
2
3
4
5
6
11
12
13
14
15
16
17
18
19
20
7
8
9
10
LX2
VIN2
29
28
27
26
25
24
23
22
21
30
40
39
38
37
36
35
34
33
32
31
GND
VIN
VIN
BST3
EN3
VIN1
BST1
EN2
BST2
EN1
GND
TPS65251-1, TPS65251-2, TPS65251-3
www.ti.com
SLVSC70A – JANUARY 2015 – REVISED JANUARY 2015
5 Pin Configuration and Functions
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Current limit setting for Buck 3. Fit a resistor from this pin to ground to set the peak current limit on the output
RLIM3
1
I
inductor.
SS3
2
I
Soft-start pin for Buck 3. Fit a small ceramic capacitor to this pin to set the converter soft-start time.
Compensation for Buck 3. Fit a series RC circuit to this pin to complete the compensation circuit of this
COMP3
3
O
converter.
FB3
4
I
Feedback input for Buck 3. Connect a divider set to 0.8 V from the output of the converter to ground.
Synchronous clock input. If there is a sync clock in the system, connect to the pin. When not used, connect to
SYNC
5
I
GND.
Oscillator set. This resistor sets the frequency of the internal autonomous clock. If external synchronization is
ROSC
6
I
used, the resistor should be fitted and set to about 70% of external clock frequency.
FB1
7
I
Feedback pin for Buck 1. Connect a divider set to 0.8 V from the output of the converter to ground.
Compensation pin for Buck 1. Fit a series RC circuit to this pin to complete the compensation circuit of this
COMP1
8
O
converter.
SS1
9
I
Soft-start pin for Buck 1. Fit a small ceramic capacitor to this pin to set the converter soft-start time.
Current limit setting pin for Buck 1. Fit a resistor from this pin to ground to set the peak current limit on the output
RLIM1
10
I
inductor.
Enable pin for Buck 1. A low-level signal on this pin disables it. If pin is left open, a weak internal pull-up to V3V
EN1
11
I
allows for automatic enable. For a delayed start-up, add a small ceramic capacitor from this pin to ground.
BST1
12
I
Bootstrap capacitor for Buck 1. Fit a 47-nF ceramic capacitor from this pin to the switching node.
VIN1
13
I
Input supply for Buck 1. Fit a 10-µF ceramic capacitor close to this pin.
14
LX1
O
Switching node for Buck 1
15
16
LX2
O
Switching node for Buck 2
17
VIN2
18
I
Input supply for Buck 2. Fit a 10-µF ceramic capacitor close to this pin.
BST2
19
I
Bootstrap capacitor for Buck 2. Fit a 47-nF ceramic capacitor from this pin to the switching node.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65251-1 TPS65251-2 TPS65251-3


Similar Part No. - TPS65251-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS65251 TI-TPS65251 Datasheet
2Mb / 35P
[Old version datasheet]   TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510RHAR TI1-TPS652510RHAR Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510RHAT TI1-TPS652510RHAT Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
More results

Similar Description - TPS65251-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65251 TI-TPS65251_15 Datasheet
2Mb / 35P
[Old version datasheet]   TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS652510 TI-TPS652510_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS65250 TI-TPS65250_1 Datasheet
1Mb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK CONVERTER WITH INTEGRATED FET AND DYING GASP STORAGE AND RELEASE CIRCUIT
TPS65287 TI1-TPS65287 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter
TPS65250 TI-TPS65250 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK CONVERTER WITH INTEGRATED FET AND DYING GASP STORAGE AND RELEASE CIRCUIT
TPS65253 TI1-TPS65253 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK
JUNE2011
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com