Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR7373C Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # IR7373C
Description  5mm Infrared LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR7373C Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  IR7373C_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR7373C_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2013-05-28 18:35:09.0
DATASHEET
5.0mm Infrared LED
IR7373C
8
Copyright © 2010, Everlight All Rights Reserved. Release Date :MAY.27.2013. Issue No: DIR-0000938
www.everlight.com
Although the recommended soldering conditions are specified in the above table, dip or hand soldering at the lowest
possible temperature is desirable for the LEDs.
Wave soldering parameter must be set and maintain according to recommended temperature and dwell time in the solder
wave.
4.
Cleaning
When necessary, cleaning should occur only with isopropyl alcohol at room temperature for a duration of no more than
one minute. Dry at room temperature before use.
Do not clean the LEDs by the ultrasonic. When it is absolutely necessary, the influence of ultrasonic cleaning on the LEDs
depends on factors such as ultrasonic power and the assembled condition. Ultrasonic cleaning shall be pre-qualified to
ensure this will not cause damage to the LED
5.
Heat Management
Heat management of LEDs must be taken into consideration during the design stage of LED application. The current
should be de-rated appropriately by referring to the de-rating curve found in each product specification.
The temperature surrounding the LED in the application should be controlled. Please refer to the data sheet de-rating
curve.
6.
ESD (Electrostatic Discharge)
Electrostatic discharge (ESD) or surge current (EOS) can damage LEDs.
An ESD wrist strap, ESD shoe strap or antistatic gloves must be worn whenever handling LEDs.
All devices, equipment and machinery must be properly grounded.
Use ion blower to neutralize the static charge which might have built up on surface of the LEDs plastic lens as a result of
friction between LEDs during storage and handing.
7.
Other
Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above
specification.
When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these
specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does
not comply
with the absolute maximum ratings and the instructions included in these specification sheets.
These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don’t
reproduce or cause anyone to reproduce them without EVERLIGHT’s consent.


Similar Part No. - IR7373C_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR7373C EVERLIGHT-IR7373C Datasheet
162Kb / 7P
   5mm Infrared LED, T-1 3/4
More results

Similar Description - IR7373C_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IR333C-A ETC2-IR333C-A Datasheet
145Kb / 8P
   5mm Infrared LED
logo
Everlight Electronics C...
HIR323C EVERLIGHT-HIR323C_15 Datasheet
248Kb / 8P
   5mm Infrared LED
HIR7393C EVERLIGHT-HIR7393C_15 Datasheet
203Kb / 7P
   5mm Infrared LED
IR333-H0-L10 EVERLIGHT-IR333-H0-L10_15 Datasheet
271Kb / 8P
   5mm Infrared LED
EAILP05RDDA4 EVERLIGHT-EAILP05RDDA4 Datasheet
253Kb / 9P
   5mm Infrared LED
EAILP05RDTA0 EVERLIGHT-EAILP05RDTA0 Datasheet
926Kb / 7P
   5mm Infrared LED
HIR323C-H0 EVERLIGHT-HIR323C-H0_15 Datasheet
181Kb / 7P
   5mm Infrared LED
HIR7373C EVERLIGHT-HIR7373C_15 Datasheet
237Kb / 8P
   5mm Infrared LED
HIR333C-H0 EVERLIGHT-HIR333C-H0_15 Datasheet
261Kb / 8P
   5mm Infrared LED
HIR333-H0 EVERLIGHT-HIR333-H0_15 Datasheet
261Kb / 8P
   5mm Infrared LED
IR333-A EVERLIGHT-IR333-A_15 Datasheet
268Kb / 8P
   5mm Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com