Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR333-A Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # IR333-A
Description  5mm Infrared LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR333-A Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  IR333-A_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR333-A_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR333-A_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR333-A_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR333-A_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR333-A_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR333-A_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR333-A_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LifecyclePhase:
Revision
: 4
Expired Period: Forever
Release Date:2013-05-24 14:41:47.0
DATASHEET
5.0mm Infrared LED
IR333-A
2
Copyright © 2010, Everlight All Rights Reserved. Release Date : MAY.22.2013. Issue No: DIR-0000930
www.everlight.com
Device Selection Guide
Chip
Materials
Lens Color
GaAlAs
Blue
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Continuous Forward Current
IF
100
mA
Peak Forward Current(*1)
IFP
1.0
A
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Soldering Temperature(*2)
Tsol
260
Power Dissipation at (or below)
25℃Free Air Temperature
Pd
150
mW
Notes:
*1:IFP Conditions--Pulse Width≦100μs and Duty≦1%.
*2:Soldering time≦5 seconds.


Similar Part No. - IR333-A_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR333-A EVERLIGHT-IR333-A Datasheet
170Kb / 7P
   5mm Infrared LED , T-1 3/4
More results

Similar Description - IR333-A_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IR333C-A ETC2-IR333C-A Datasheet
145Kb / 8P
   5mm Infrared LED
logo
Everlight Electronics C...
HIR323C EVERLIGHT-HIR323C_15 Datasheet
248Kb / 8P
   5mm Infrared LED
HIR7393C EVERLIGHT-HIR7393C_15 Datasheet
203Kb / 7P
   5mm Infrared LED
IR333-H0-L10 EVERLIGHT-IR333-H0-L10_15 Datasheet
271Kb / 8P
   5mm Infrared LED
EAILP05RDDA4 EVERLIGHT-EAILP05RDDA4 Datasheet
253Kb / 9P
   5mm Infrared LED
EAILP05RDTA0 EVERLIGHT-EAILP05RDTA0 Datasheet
926Kb / 7P
   5mm Infrared LED
HIR323C-H0 EVERLIGHT-HIR323C-H0_15 Datasheet
181Kb / 7P
   5mm Infrared LED
HIR7373C EVERLIGHT-HIR7373C_15 Datasheet
237Kb / 8P
   5mm Infrared LED
HIR333C-H0 EVERLIGHT-HIR333C-H0_15 Datasheet
261Kb / 8P
   5mm Infrared LED
HIR333-H0 EVERLIGHT-HIR333-H0_15 Datasheet
261Kb / 8P
   5mm Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com