Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR91-21C Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # IR91-21C
Description  1.9mm Round Subminiature Axial Infrared LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR91-21C Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  IR91-21C_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR91-21C_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR91-21C_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR91-21C_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR91-21C_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR91-21C_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR91-21C_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR91-21C_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LifecyclePhase:
Revision
: 4
Expired Period: Forever
Release Date:2013-06-06 13:23:47.0
1
Copyright © 2013, Everlight All Rights Reserved. Release Date : 6/4/2013. Issue No:DIR-0000960.
Rev:4
www.everlight.com
1.9mm Round Subminiature Axial Infrared LED
IR91-21C
Features
․Small double-end package
․High reliability
․Low forward voltage
․Good spectral matching to Si photodetector
․Pb free
․The product itself will remain within RoHS compliant version.
Descriptions
IR91-21C is an infrared emitting diode in miniature
SMD package which is molded in a water clear plastic with
spherical top view lens. The device is spectrally matched
with silicon photodiode and phototransistor.
Applications
․PCB mounted infrared sensor
․Infrared emitting for miniature light barrier
․Floppy disk drive
․Optoelectronic switch
․Smoke detector
Device Selection Guide
Part Category
Chip
Material
Lens Color
IR
GaAlAs
Water Clear


Similar Part No. - IR91-21C_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10 Datasheet
190Kb / 10P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10_15 Datasheet
206Kb / 9P
   1.9mm Round Subminiature Z-Bend Lead Infrared LED
IR91-21C-TR7 EVERLIGHT-IR91-21C-TR7 Datasheet
212Kb / 10P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
IR91-21C-TR7 EVERLIGHT-IR91-21C-TR7_15 Datasheet
238Kb / 9P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
More results

Similar Description - IR91-21C_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR91-21C EVERLIGHT-IR91-21C Datasheet
200Kb / 9P
   1.9mm Round Subminiature Axial Infrared LED
EAISA2522A0 EVERLIGHT-EAISA2522A0 Datasheet
452Kb / 8P
   1.9mm Round Subminiature Axial Infrared LED
EAISG2522A0 EVERLIGHT-EAISG2522A0 Datasheet
595Kb / 9P
   1.9mm Round Subminiature ?쏽oke?쒵ead Infrared LED
EAISY2021A1 EVERLIGHT-EAISY2021A1 Datasheet
592Kb / 9P
   1.9mm Round Subminiature ?쏽oke??Lead Infrared LED
PT91-21B EVERLIGHT-PT91-21B_07 Datasheet
188Kb / 9P
   1.9mm Round Subminiature Axial Phototransistor
PT91-21B EVERLIGHT-PT91-21B Datasheet
190Kb / 7P
   1.9mm Round Subminiature Axial Phototransistor
PT91-21C EVERLIGHT-PT91-21C_05 Datasheet
245Kb / 9P
   1.9mm Round Subminiature Axial Phototransistor
EAISG2021A2 EVERLIGHT-EAISG2021A2 Datasheet
484Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10 Datasheet
190Kb / 10P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
IR91-21C-TR7 EVERLIGHT-IR91-21C-TR7 Datasheet
212Kb / 10P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com