Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV890103 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV890103
Description  Automotive Buck Switching Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV890103 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV890103 Datasheet HTML 2Page - ON Semiconductor NCV890103 Datasheet HTML 3Page - ON Semiconductor NCV890103 Datasheet HTML 4Page - ON Semiconductor NCV890103 Datasheet HTML 5Page - ON Semiconductor NCV890103 Datasheet HTML 6Page - ON Semiconductor NCV890103 Datasheet HTML 7Page - ON Semiconductor NCV890103 Datasheet HTML 8Page - ON Semiconductor NCV890103 Datasheet HTML 9Page - ON Semiconductor NCV890103 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NCV890103
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 4.5 V to 28 V, VEN = 5 V, VBST = VSW + 3.0 V, CDRV = 0.1 mF, Min/Max values are valid for the temperature range
−40
°C ≤ TJ ≤ 150°C unless noted otherwise, and are guaranteed by test, design or statistical correlation.)
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
RESET
Threshold (in percentage of targeted
regulation VOUT).
KRESD
KRESU
VOUT going down
VOUT going up
90
92
92
94.5
94
97
%
Filtering delay (high-to-low transitions)
tRESD
VOUT going down
1.5
2.0
3.0
ms
Sink current
IRES
VRESET = 0.4 V
1
mA
DELAY
Upper charging level
VDELU
VFB > KRESU x VFBR
1.6
1.9
2.15
V
Lower detection threshold
VDELTH
VDELAY decreasing
0.7
0.9
1.1
V
Discharging current
IDELAY
VDELAY = 1.5 V
4.1
4.4
6.0
mA
Reset delay (low-to-high transition)
tRESU
VOUT going up, CDELAY = 100 pF
22
29
35
ms
POWER SWITCH
ON Resistance
RDSON
VBST = VSW + 3.0 V
650
m
W
Leakage current VIN to SW
ILKSW
VEN = 0 V, VSW = 0, VIN = 18 V
10
mA
Minimum ON Time
tONMIN
Measured at SW pin
45
70
ns
Minimum OFF Time
tOFFMIN
Measured at SW pin
At FSW = 2 MHz (normal)
At FSW = 500 kHz (max duty cycle)
30
30
50
70
ns
PEAK CURRENT LIMIT
Current Limit Threshold
ILIM
2.1
2.35
2.6
A
SHORT CIRCUIT FREQUENCY FOLDBACK
Lowest Foldback Frequency
Lowest Foldback Frequency − High Vin
Hiccup Mode
FSWAF
FSWAFHV
FSWHIC
VFB = 0 V, 4.5 V < VIN < 18 V
VFB = 0 V, 20 V < VIN < 28 V
VSW = 0 V
400
200
24
500
250
32
600
300
40
kHz
GATE VOLTAGE SUPPLY (DRV pin)
Output Voltage
VDRV
3.1
3.3
3.5
V
DRV POR Start Threshold
VDRVSTT
2.7
2.9
3.05
V
DRV POR Stop Threshold
VDRVSTP
2.5
2.8
3.0
V
DRV Current Limit
IDRVLIM
VDRV = 0 V
16
45
mA
OUTPUT PRECHARGE DETECTOR
Threshold Voltage
VSSEN
20
35
50
mV
THERMAL SHUTDOWN
Activation Temperature (Note 1)
TSD
150
190
°C
Hysteresis (Note 1)
THYS
5
20
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Not tested in production. Limits are guaranteed by design.


Similar Part No. - NCV890103

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890100 ONSEMI-NCV890100 Datasheet
177Kb / 16P
   1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890100 ONSEMI-NCV890100 Datasheet
177Kb / 16P
   1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890100 ONSEMI-NCV890100 Datasheet
250Kb / 19P
   Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
NCV890100MWTXG ONSEMI-NCV890100MWTXG Datasheet
177Kb / 16P
   1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890100MWTXG ONSEMI-NCV890100MWTXG Datasheet
250Kb / 19P
   Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
More results

Similar Description - NCV890103

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890203 ONSEMI-NCV890203 Datasheet
162Kb / 18P
   Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
NCV890100PDR2G ONSEMI-NCV890100PDR2G Datasheet
177Kb / 16P
   1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890101 ONSEMI-NCV890101 Datasheet
182Kb / 15P
   1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 1
NCV890100 ONSEMI-NCV890100 Datasheet
177Kb / 16P
   1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
logo
Taiwan Semiconductor Co...
TS650 TSC-TS650 Datasheet
55Kb / 4P
   Buck Switching Regulator
logo
ON Semiconductor
NCV890130 ONSEMI-NCV890130 Datasheet
179Kb / 15P
   1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890201 ONSEMI-NCV890201 Datasheet
156Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
NCV890200 ONSEMI-NCV890200 Datasheet
143Kb / 18P
   2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCV890100 ONSEMI-NCV890100_V01 Datasheet
250Kb / 19P
   Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
NCV890230 ONSEMI-NCV890230 Datasheet
144Kb / 18P
   2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com