Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H13175U Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # H13175U
Description  PHOTOMULTIPLIER TUBE ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H13175U Datasheet(HTML) 2 Page - Hamamatsu Corporation

  H13175U_15 Datasheet HTML 1Page - Hamamatsu Corporation H13175U_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TPMH1355E01
MAY 2015 IP
Figure 1: Spectral Response
Figure 2: Gain
Figure 3: Dimensional Outline and Circuit Diagram (Unit: mm)
PHOTOMULTIPLIER TUBE ASSEMBLY H13175U SERIES
HAMAMATSU PHOTONICS K.K.
HAMAMATSU PHOTONICS K.K., Electron Tube Division
314-5, Shimokanzo, Iwata City, Shizuoka Pref., 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44)1707-294888, Fax: (44)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Torshamnsgatan 35 SE-164 40 Kista, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia S.r.l.: Strada della Moia, 1 int. 6, 20020 Arese (Milano), Italy, Telephone: (39)02-93581733, Fax: (39)02-93581741 E-mail: info@hamamatsu.it
China: Hamamatsu Photonics (China) Co., Ltd.: B1201 Jiaming Center, No.27 Dongsanhuan Beilu, Chaoyang District, Beijing 100020, China, Telephone: (86)10-6586-6006, Fax: (86)10-6586-2866 E-mail: hpc@hamamatsu.com.cn
GExample for +HV Operation
TPMHA0616EA
KA
G
3- 2.5 DEPTH 0.7
POM HOUSING
19.5
± 0.5 5.5
1
5.08
EFFECTIVE AREA
8 MIN.
Recommended
Land Dimensions
Outer Land: 1.8 mm
Via
: 0.7 mm
R1 to R10
R11
R12
R13
C1 to C3
: 330 k
: 160 k
: 51
: 100
: 0.01
µF
PHOTOCATHODE
ANODE
DY1 DY2 DY3 DY4 DY5 DY6 DY7 DY8 DY9 DY10
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R12
R13
R11
C1
C2
C3
G
KA
A: SIGNAL OUT
G: GND
K: -HV
H13175U
CB, CP
RP
: 4700 pF/2 kV
: 330 k
PHOTOCATHODE
ANODE
DY1 DY2 DY3 DY4 DY5 DY6 DY7 DY8 DY9 DY10
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
RP
CB
CP
R12
R13
R11
C1
C2
C3
+HV
GND
GA
K
SIGNAL
OUT
A: SIGNAL OUT
G: +HV
K: GND
200
100
0.1
1
10
100
1000
400
600
WAVELENGTH (nm)
800
1000
300
500
700
900
-01
-110
-20
RELATED PRODUCTS
HIGH VOLTAGE POWER SUPPLY C10940 SERIES
TPMHB0935EA
TPMHB0804EA
500
103
104
105
106
107
700
900
SUPPLY VOLTAGE (V)
1100
600
800
1000
Input Voltage
Output Voltage
Output Current
Dimensions (W
× H × D)
Interface
C10940-03
RS-485
C10940-03-R2
C10940-53
V
V
mA
mm
Unit
RS-485
+5
± 0.5
0.6
15
× 18 × 15
-10 to -1200
+10 to +1200
C10940-53-R2
Parameter


Similar Part No. - H13175U_15

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1313FNL PULSE-H1313FNL Datasheet
447Kb / 3P
   MDL,SIN,100D,1:!,SM,TU
H1313NL PULSE-H1313NL Datasheet
358Kb / 3P
   MDL,SIN,100D,1:1,SMT
logo
List of Unclassifed Man...
H1315 ETC2-H1315 Datasheet
505Kb / 8P
   SPRING TERMINOLOGY
More results

Similar Description - H13175U_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H11432 HAMAMATSU-H11432 Datasheet
92Kb / 2P
   PHOTOMULTIPLIER TUBE ASSEMBLY
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com