Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4111 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S4111
Description  Si photodiode arrays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S4111 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S4111_15 Datasheet HTML 1Page - Hamamatsu Corporation S4111_15 Datasheet HTML 2Page - Hamamatsu Corporation S4111_15 Datasheet HTML 3Page - Hamamatsu Corporation S4111_15 Datasheet HTML 4Page - Hamamatsu Corporation S4111_15 Datasheet HTML 5Page - Hamamatsu Corporation S4111_15 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Si photodiode arrays
S4111/S4114 series
16, 35, 46 element Si photodiode array for UV
to NIR
www.hamamatsu.com
1
Large photosensitive area
Low crosstalk
S4111 series: Enhanced infrared sensitivity,
low dark current
S4114 series: IR sensitivity suppressed type,
low terminal capacitance,
high-speed response
Features
Multichannel spectrophotometers
Color analyzers
Light spectrum analyzers
Light position detection
Applications
The S4111/S4114 series are Si photodiode linear array mounted in ceramic DIPs (Dual Inline Packages). These photodiode ar-
rays are primarily developed for low-light-level detection such as spectrophotometry, and cover a wide spectral range from UV
to near infrared light. Since all elements can be used with a reverse bias for charge storage readout, the S4111/S4114 series
are able to detect low level light with high sensitivity. Crosstalk between elements is minimized to maintain signal purity. Spe-
cial filters can be attached as the input window (custom order products).
Structure / Absolute maximum ratings
Type no.
Window
material
Package
Photosensitive
area
(per 1 element)
Between
elements
measure
Between
elements
pitch
Number
of
elements
Absolute maximum ratings
Reverse
voltage
VR max
Operating
temperature
Topr
Storage
temperature
Tstg
(mm)
Size
(mm)
Effective area
(mm2)
(mm)
(mm)
(V)
(°C)
(°C)
S4111-16R
Resin potting
18 pin DIP
1.45 × 0.9 1.305
0.1
1.0
16
15
-20 to +60
-20 to +80
S4111-16Q*
Quartz
S4111-35Q*
40 pin DIP
4.4 × 0.9
3.96
35
S4111-46Q*
48 pin DIP
46
S4114-35Q*
40 pin DIP
35
S4114-46Q*
48 pin DIP
46
* Refer to “Precautions against UV light exposure.”
Note: Absolute maximum ratings are the values that must not be exceeded at any time. If even one of the absolute maximum ratings
is exceeded even for a moment, the product quality may be impaired. Always be sure to use the product within the absolute
maximum ratings.
Electrical and optical characteristics (Typ. Ta=25 °C, per 1 element, unless otherwise noted)
Type no.
Spectral
response
range
λ
Peak
sensitivity
wavelength
λp
Photosensitivity
S
Dark
current
ID
Max.
Shunt
resistance
Rsh
VR=10 mV
Terminal
capacitance
Ct
Rise time
tr
RL=1 k
Ω
λ=655 nm
NEP
λ=λp
λp
200 nm 633 nm VR=10 mV VR=10 V Min
(G
Ω)
Typ.
(G
Ω)
VR=0 V VR=10 V VR=0 V VR=10 V VR=0 V VR=10 V
(nm)
(nm)
(A/W) (A/W) (A/W)
(pA)
(pA)
(pF)
(pF)
(μs)
(μs) (W/Hz1/2) (W/Hz1/2)
S4111-16R
340 to 1100
960
0.58
-
0.39
5
25
2.0
250
200
50
0.5
0.1 4.4 × 10-16 1.7 × 10-15
S4111-16Q
190 to 1100
0.08
0.43
S4111-35Q
0.08
0.43
10
50
1.0
30
550
120
1.2
0.3 1.3 × 10-15 3.1 × 10-15
S4111-46Q
S4114-35Q
190 to 1000
800
0.50
60
300
0.15
2
35
20
0.1
0.05 5.7 × 10-15 8.0 × 10-15
S4114-46Q


Similar Part No. - S4111_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S4111-16Q HAMAMATSU-S4111-16Q Datasheet
138Kb / 4P
   Si photodiode array 16, 35, 46 element Si photodiode array for UV to NIR
S4111-16R HAMAMATSU-S4111-16R Datasheet
138Kb / 4P
   Si photodiode array 16, 35, 46 element Si photodiode array for UV to NIR
More results

Similar Description - S4111_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11299 HAMAMATSU-S11299_15 Datasheet
633Kb / 8P
   16-element Si photodiode arrays
S11212 HAMAMATSU-S11212_15 Datasheet
623Kb / 8P
   16-element Si photodiode arrays
logo
List of Unclassifed Man...
KPD701H ETC-KPD701H Datasheet
139Kb / 2P
   Si Photodiode
logo
Hamamatsu Corporation
S9032-02 HAMAMATSU-S9032-02_15 Datasheet
474Kb / 4P
   Si photodiode
S8265 HAMAMATSU-S8265_15 Datasheet
91Kb / 3P
   Si photodiode
logo
Roithner LaserTechnik G...
IQ80XL ROITHNER-IQ80XL Datasheet
177Kb / 2P
   Si Photodiode
logo
Hamamatsu Corporation
S9674 HAMAMATSU-S9674_15 Datasheet
227Kb / 5P
   Si photodiode
S10043 HAMAMATSU-S10043_15 Datasheet
175Kb / 3P
   Si photodiode
S1087 HAMAMATSU-S1087 Datasheet
152Kb / 4P
   Si photodiode
S7686 HAMAMATSU-S7686_15 Datasheet
191Kb / 4P
   Si photodiode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com