Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7478 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S7478
Description  Si PIN photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7478 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S7478_15 Datasheet HTML 1Page - Hamamatsu Corporation S7478_15 Datasheet HTML 2Page - Hamamatsu Corporation S7478_15 Datasheet HTML 3Page - Hamamatsu Corporation S7478_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, Bridgewater, N.J. 08807, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Torshamnsgatan 35 16440 Kista, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.r.l.: Strada della Moia, 1 int. 6, 20020 Arese (Milano), Italy, Telephone: (39) 02-93581733, Fax: (39) 02-93581741
China: Hamamatsu Photonics (China) Co., Ltd.: B1201, Jiaming Center, No.27 Dongsanhuan Beilu, Chaoyang District, Beijing 100020, China, Telephone: (86) 10-6586-6006, Fax: (86) 10-6586-2866
Product specifications are subject to change without prior notice due to improvements or other reasons. This document has been carefully prepared and the
information contained is believed to be accurate. In rare cases, however, there may be inaccuracies such as text errors. Before using these products, always
contact us for the delivery specification sheet to check the latest specifications.
The product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that
one year period. However, even if within the warranty period we accept absolutely no liability for any loss caused by natural disasters or improper product
use.
Copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission.
Information described in this material is current as of February, 2015.
Si PIN photodiode
S7478
4
Cat. No. KPIN1034E05 Feb. 2015 DN
Measured example of temperature profile with hot-air reflow oven for product testing
KPICB0164EC
Time
300 °C
220 °C
190 °C
170 °C
Preheating
70 to 90 s
240 °C max.
Actual heating
40 s max.
∙ This product supports lead-free soldering. After unpacking, store it in an environment at a temperature of 30 °C or less and a
humidity of 60% or less, and perform soldering within 24 hours.
∙ The effect that the product receives during reflow soldering varies depending on the circuit board and reflow oven that are used.
Before actual reflow soldering, check for any problems by testing out the reflow soldering methods in advance.
Related information
∙ Disclaimer
∙ Metal, ceramic, Plastic Package products
∙ Surface mount type products
Precautions


Similar Part No. - S7478_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S7476F ETC-S7476F Datasheet
146Kb / 2P
   DUAL JK FLIP - FLOP
S7476W ETC-S7476W Datasheet
146Kb / 2P
   DUAL JK FLIP - FLOP
More results

Similar Description - S7478_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8650 HAMAMATSU-S8650_15 Datasheet
352Kb / 3P
   Si PIN photodiode
S5980 HAMAMATSU-S5980_15 Datasheet
329Kb / 2P
   Si PIN photodiode
S5821 HAMAMATSU-S5821_15 Datasheet
102Kb / 4P
   Si PIN photodiode
logo
Integral Corp.
IWPH01-02 INTEGRAL-IWPH01-02 Datasheet
152Kb / 3P
   SI PIN PHOTODIODE
logo
Hamamatsu Corporation
S7797 HAMAMATSU-S7797 Datasheet
142Kb / 2P
   Si PIN photodiode
S10993-05GT HAMAMATSU-S10993-05GT Datasheet
215Kb / 6P
   Si PIN photodiode
S8385 HAMAMATSU-S8385 Datasheet
115Kb / 2P
   Si PIN photodiode
S9345 HAMAMATSU-S9345_15 Datasheet
191Kb / 4P
   Si PIN photodiode
S5106 HAMAMATSU-S5106_15 Datasheet
397Kb / 4P
   Si PIN photodiode
S10993-02CT HAMAMATSU-S10993-02CT_15 Datasheet
240Kb / 6P
   Si PIN photodiode
S4349 HAMAMATSU-S4349 Datasheet
125Kb / 2P
   Si PIN photodiode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com