Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8559 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S8559
Description  Detector for X-ray monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8559 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S8559_15 Datasheet HTML 1Page - Hamamatsu Corporation S8559_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Si photodiode
S8559
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1 int. 6, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information described in this material is current as of June, 2011. Product specifications are subject to change without prior notice due to improvements or other reasons. Before assembly into final products, please contact us for the
delivery specification sheet to check the latest information.
The product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that one year period. However, even if within the warranty period we accept
absolutely no liability for any loss caused by natural disasters or improper product use.
Copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission.
Cat. No. KSPD1051E03
Jun. 2011 DN
10.1 ± 0.1
CsI (TI) 8.9
t=3.0
9.2 ± 0.3
7.4 ± 0.2
ANODE
TERMINAL MARK
0.5
LEAD
PHOTOSENSITIVE
SURFACE
s Terminal capacitance vs. reverse voltage
s Dark current vs. reverse voltage
s Dimensional outline (unit: mm)
100 fA
1 pA
10 pA
100 pA
1 nA
0.01
0.1
1
10
REVERSE VOLTAGE (V)
(Typ. Ta=25 ˚C)
KSPDB0152EA
KSPDB0153EA
0.1
REVERSE VOLTAGE (V)
100 pF
10 nF
1 nF
100 nF
110
(Typ. Ta=25 ˚C)
KSPDA0145EA
2


Similar Part No. - S8559_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8559 HAMAMATSU-S8559 Datasheet
87Kb / 2P
   Si photodiode Detector for X-ray monitor
More results

Similar Description - S8559_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8559 HAMAMATSU-S8559 Datasheet
87Kb / 2P
   Si photodiode Detector for X-ray monitor
S8193 HAMAMATSU-S8193 Datasheet
86Kb / 2P
   Si photodiode Detector for X-ray monitors
S7878 HAMAMATSU-S7878 Datasheet
101Kb / 2P
   Si photodiode High sensitivity X-ray detector
logo
Texas Instruments
AFE0064 TI-AFE0064_13 Datasheet
1Mb / 31P
[Old version datasheet]   64 Channel Analog Front End for Digital X-Ray Detector
AFE0064 TI-AFE0064 Datasheet
545Kb / 25P
[Old version datasheet]   64 Channel Analog Front End for Digital X-Ray Detector
AFE0064 TI1-AFE0064_14 Datasheet
1Mb / 32P
[Old version datasheet]   64 Channel Analog Front End for Digital X-Ray Detector
AFE0256 TI1-AFE0256 Datasheet
2Mb / 5P
[Old version datasheet]   256-Channel Analog Front-End for Flat-Panel Digital X-Ray Detector
logo
Hamamatsu Corporation
S7978 HAMAMATSU-S7978 Datasheet
87Kb / 2P
   Si photodiode array 5 횞 5 element array for X-ray detector
logo
Voltage Multipliers Inc...
XRS040N100 VMI-XRS040N100 Datasheet
171Kb / 2P
   Portable X-Ray
XRS040N100 VMI-XRS040N100_07 Datasheet
764Kb / 2P
   Portable X-Ray
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com