Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LSXXXJ Datasheet(PDF) 2 Page - ON Semiconductor

Part # SN54LSXXXJ
Description  4-BIT BINARY COUNTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN54LSXXXJ Datasheet(HTML) 2 Page - ON Semiconductor

  SN54LSXXXJ Datasheet HTML 1Page - ON Semiconductor SN54LSXXXJ Datasheet HTML 2Page - ON Semiconductor SN54LSXXXJ Datasheet HTML 3Page - ON Semiconductor SN54LSXXXJ Datasheet HTML 4Page - ON Semiconductor SN54LSXXXJ Datasheet HTML 5Page - ON Semiconductor SN54LSXXXJ Datasheet HTML 6Page - ON Semiconductor SN54LSXXXJ Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
*For the LS162A and
*LS163A only.
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
SN74LS160A
http://onsemi.com
2
STATE DIAGRAM
LS160A • LS162A
LS161A • LS163A
0123
4
5
6
7
8
9
10
11
12
13
14
15
0123
4
5
6
7
8
9
10
11
12
13
14
15
NOTE:
The LS160A and LS162A can be preset to any state, but will not count
beyond 9. If preset to state 10, 11, 12, 13, 14, or 15, it will return to its
normal sequence within two clock pulses.
LOGIC EQUATIONS
Count Enable = CEP w CET w PE
TC for LS160A & LS162A = CET w Q0 w Q1 w Q2 w Q3
TC for LS161A & LS163A = CET w Q0 w Q1 w Q2 w Q3
Preset = PE w CP + (rising clock edge)
Reset = MR (LS160A & LS161A)
Reset = SR w CP + (rising clock edge)
Reset = (LS162A & LS163A)
FUNCTIONAL DESCRIPTION
The LS160A/161A/162A/163A are 4-bit synchronous
counters with a synchronous Parallel Enable (Load) feature.
The counters consist of four edge-triggered D flip-flops with
the appropriate data routing networks feeding the D inputs.
All changes of the Q outputs (except due to the
asynchronous Master Reset in the LS160A and LS161A)
occur as a result of, and synchronous with, the LOW to HIGH
transition of the Clock input (CP). As long as the set-up time
requirements are met, there are no special timing or activity
constraints on any of the mode control or data inputs.
Three control inputs — Parallel Enable (PE), Count Enable
Parallel (CEP) and Count Enable Trickle (CET) — select the
mode of operation as shown in the tables below. The Count
Mode is enabled when the CEP, CET, and PE inputs are
HIGH. When the PE is LOW, the counters will synchronously
load the data from the parallel inputs into the flip-flops on the
LOW to HIGH transition of the clock. Either the CEP or CET
can be used to inhibit the count sequence. With the PE held
HIGH, a LOW on either the CEP or CET inputs at least one
set-up time prior to the LOW to HIGH clock transition will
cause the existing output states to be retained. The AND
feature of the two Count Enable inputs (CET•CEP) allows
synchronous cascading without external gating and without
delay accumulation over any practical number of bits or
digits.
The Terminal Count (TC) output is HIGH when the Count
Enable Trickle (CET) input is HIGH while the counter is in its
maximum count state (HLLH for the BCD counters, HHHH
for the Binary counters). Note that TC is fully decoded and
will, therefore, be HIGH only for one count state.
The LS160A and LS162A count modulo 10 following a
binary coded decimal (BCD) sequence. They generate a TC
output when the CET input is HIGH while the counter is in
state 9 (HLLH). From this state they increment to state 0
(LLLL). If loaded with a code in excess of 9 they return to their
legitimate sequence within two counts, as explained in the
state diagram. States 10 through 15 do not generate a TC
output.
The LS161A and LS163A count modulo 16 following a
binary sequence. They generate a TC when the CET input is
HIGH while the counter is in state 15 (HHHH). From this state
they increment to state 0 (LLLL).
The Master Reset (MR) of the LS160A and LS161A is
asynchronous. When the MR is LOW, it overrides all other
input conditions and sets the outputs LOW. The MR pin
should never be left open. If not used, the MR pin should be
tied through a resistor to VCC, or to a gate output which is
permanently set to a HIGH logic level.
The active LOW Synchronous Reset (SR) input of the
LS162A and LS163A acts as an edge-triggered control input,
overriding CET, CEP and PE, and resetting the four counter
flip-flops on the LOW to HIGH transition of the clock. This
simplifies the design from race-free logic controlled reset
circuits, e.g., to reset the counter synchronously after
reaching a predetermined value.
MODE SELECT TABLE
*SR
PE
CET
CEP
Action on the Rising Clock Edge (
)
L
X
X
X
RESET (Clear)
H
L
X
X
LOAD (Pn → Qn)
H
H
H
H
COUNT (Increment)
H
H
L
X
NO CHANGE (Hold)
H
H
X
L
NO CHANGE (Hold)


Similar Part No. - SN54LSXXXJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LSXXXJ MOTOROLA-SN54LSXXXJ Datasheet
149Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
ON Semiconductor
SN54LSXXXJ ONSEMI-SN54LSXXXJ Datasheet
135Kb / 4P
   DUAL 1-OF-4 DECODER
June, 2006 ??Rev. 7
SN54LSXXXJ ONSEMI-SN54LSXXXJ Datasheet
192Kb / 6P
   16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
July, 2006 ??Rev. 7
SN54LSXXXJ ONSEMI-SN54LSXXXJ Datasheet
190Kb / 7P
   PRESETTABLE 4-BIT COUNTER
July, 2006 ??Rev. 7
SN54LSXXXJ ONSEMI-SN54LSXXXJ Datasheet
168Kb / 7P
   4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
More results

Similar Description - SN54LSXXXJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT163T TI1-CY54FCT163T_08 Datasheet
329Kb / 12P
[Old version datasheet]   4-BIT BINARY COUNTERS
logo
Hitachi Semiconductor
HD74LS93 HITACHI-HD74LS93 Datasheet
84Kb / 7P
   4-bit Binary Counters
HD74LS293 HITACHI-HD74LS293 Datasheet
85Kb / 7P
   4-bit Binary Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Renesas Technology Corp
HD74HC393 RENESAS-HD74HC393_15 Datasheet
109Kb / 9P
   Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393 Datasheet
89Kb / 7P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com