Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LSXXN Datasheet(PDF) 5 Page - ON Semiconductor

Part # SN74LSXXN
Description  4-BIT BINARY COUNTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LSXXN Datasheet(HTML) 5 Page - ON Semiconductor

  SN74LSXXN Datasheet HTML 1Page - ON Semiconductor SN74LSXXN Datasheet HTML 2Page - ON Semiconductor SN74LSXXN Datasheet HTML 3Page - ON Semiconductor SN74LSXXN Datasheet HTML 4Page - ON Semiconductor SN74LSXXN Datasheet HTML 5Page - ON Semiconductor SN74LSXXN Datasheet HTML 6Page - ON Semiconductor SN74LSXXN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN74LS90
http://onsemi.com
5
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Min
Typ
Max
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
All Inputs
74
0.8
VIK
Input Clamp Diode Voltage
−0.65
−1.5
V
VCC = MIN, IIN = −18 mA
VOH
Output HIGH Voltage
54
2.5
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
74
2.7
3.5
V
VOL
Output LOW Voltage
54, 74
0.25
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
74
0.35
0.5
V
IOL = 8.0 mA
IIH
Input HIGH Current
20
μA
VCC = MAX, VIN = 2.7 V
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
MS, MR
CP0
CP1 (LS90, LS92)
CP1 (LS93)
−0.4
−2.4
−3.2
−1.6
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
−20
−100
mA
VCC = MAX
ICC
Power Supply Current
15
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.


Similar Part No. - SN74LSXXN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN74LSXXN MOTOROLA-SN74LSXXN Datasheet
34Kb / 2P
   HEX INVERTER
SN74LSXXN MOTOROLA-SN74LSXXN Datasheet
71Kb / 4P
   4-BIT D LATCH LOW POWER SCHOTTKY
SN74LSXXN MOTOROLA-SN74LSXXN Datasheet
40Kb / 3P
   ONE-OF-TEN DECODER LOW POWER SCHOTTKY
More results

Similar Description - SN74LSXXN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
logo
Hitachi Semiconductor
HD74HC93 HITACHI-HD74HC93 Datasheet
55Kb / 11P
   4-bit Binary Counter
logo
NXP Semiconductors
74ALS161B PHILIPS-74ALS161B Datasheet
168Kb / 14P
   4-bit binary counter
1991 Feb 08
logo
Texas Instruments
CY5474FCT163T TI-CY5474FCT163T Datasheet
68Kb / 7P
[Old version datasheet]   4-Bit Binary Counter
MM54C90 TI1-MM54C90 Datasheet
374Kb / 8P
[Old version datasheet]   4-Bit Binary Counter
logo
ON Semiconductor
SN74LS290 ONSEMI-SN74LS290 Datasheet
168Kb / 7P
   4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
logo
Renesas Technology Corp
HD74HC93 RENESAS-HD74HC93 Datasheet
102Kb / 8P
   4-bit Binary Counter
HD74LS93 RENESAS-HD74LS93 Datasheet
174Kb / 9P
   4-bit Binary Counter
logo
National Semiconductor ...
DM74LS293 NSC-DM74LS293 Datasheet
105Kb / 6P
   4-Bit Binary Counter
logo
ON Semiconductor
MC10H016 ONSEMI-MC10H016 Datasheet
140Kb / 4P
   4-Bit Binary Counter
REV 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com