Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLUS3C18PZTBG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTLUS3C18PZTBG
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLUS3C18PZTBG Datasheet(HTML) 4 Page - ON Semiconductor

  NTLUS3C18PZTBG Datasheet HTML 1Page - ON Semiconductor NTLUS3C18PZTBG Datasheet HTML 2Page - ON Semiconductor NTLUS3C18PZTBG Datasheet HTML 3Page - ON Semiconductor NTLUS3C18PZTBG Datasheet HTML 4Page - ON Semiconductor NTLUS3C18PZTBG Datasheet HTML 5Page - ON Semiconductor NTLUS3C18PZTBG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTLUS3C18PZ
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
−VDS, DRAIN−TO−SOURCE (V)
QG, TOTAL GATE CHARGE (nC)
12
10
8
6
4
2
0
0
500
1000
1500
2000
2500
16
14
12
8
6
4
2
0
0
1
2
3
4
5
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
−VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1
1
10
100
1000
0.9
0.8
1.0
0.7
0.6
0.5
0.4
0.3
0.1
1
10
Figure 11. Threshold Voltage
Figure 12. Maximum Rated Forward Biased
Safe Operating Area
TJ, JUNCTION TEMPERATURE (°C)
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
125
100
75
50
25
0
−25
−50
0.15
0.25
0.35
0.45
0.55
0.75
0.85
0.95
100
10
1
0.1
0.01
0.1
1
10
100
CISS
COSS
CRSS
VGS = 0 V
TJ = 25°C
f = 1 MHz
10
18
0
4
8
12
16
18
14
10
6
2
VDS = −6 V
TJ = 25°C
ID = −10 A
QT
QGS
VGS
QGD
VGS = −4.5 V
VDD = −6 V
ID = −10 A
tf
tr
td(off)
td(on)
TJ = 125°C
TJ = 25°C
TJ = −55°C
ID = −250 mA
150
0.65
VGS = −8 V
Single Pulse
TC = 25°C
10
ms
100
ms
1 ms
10 ms
dc
RDS(on) Limit
Thermal Limit
Package Limit


Similar Part No. - NTLUS3C18PZTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUS3C18PZTBG ONSEMI-NTLUS3C18PZTBG Datasheet
166Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 1
More results

Similar Description - NTLUS3C18PZTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com